Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 37Page - STMicroelectronics STLC5432 Datasheet HTML 38Page - STMicroelectronics STLC5432 Datasheet HTML 39Page - STMicroelectronics STLC5432 Datasheet HTML 40Page - STMicroelectronics STLC5432 Datasheet HTML 41Page - STMicroelectronics STLC5432 Datasheet HTML 42Page - STMicroelectronics STLC5432 Datasheet HTML 43Page - STMicroelectronics STLC5432 Datasheet HTML 44Page - STMicroelectronics STLC5432 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
0%
50%
V=100%
10%
10%
20%
20%
10%
10%
20%
10%
10%
244ns
219ns
488ns
(244 - 25)
(244 + 244)
(244 - 50)
194ns
IDEAL PULSE
(244 + 25)
269ns
CCITT 32540
D93TL068
Figure 22: CCITT G703 HDB3 Pulse Template
A2
A1
A0
0
f0
f1
f2
f3
f4
D93TL069A
JITTER FREQUENCY (LOGARITHMIC SCALE)
20dB/DECADE SLOPE
PEAK TO PEAK JITTER
AMPLITUDE (UI)
Figure 23: Allowed Jitter at the TE and LT Inputs (CCITT I431)
A0
A1
A2
f0
f1
f2
f3
f4
20.5 IU
1.0
0.2 IU
12 x 10
-6 Hz
20Hz
3.6kHz
18kHz
100kHz
STLC5432
41/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com