Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 14Page - STMicroelectronics STLC5432 Datasheet HTML 15Page - STMicroelectronics STLC5432 Datasheet HTML 16Page - STMicroelectronics STLC5432 Datasheet HTML 17Page - STMicroelectronics STLC5432 Datasheet HTML 18Page - STMicroelectronics STLC5432 Datasheet HTML 19Page - STMicroelectronics STLC5432 Datasheet HTML 20Page - STMicroelectronics STLC5432 Datasheet HTML 21Page - STMicroelectronics STLC5432 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
9.18 TS0XR: Time Slot Zero transmit Register
70
1
WT
AE
Sa4X Sa5X Sa6X Sa7X Sa8X
After Reset = 9FH
Sa4X to Sa8X Bits 4 to 8 of each odd Time Slot
Zero to be transmitted onto the line
in accordance with CR6 and CR7
AE
A bit to transmit.
AX bit to be transmitted onto the line is given
by the logical ”or” of LOF (Loss of Frame),
WER (if the bit MERA is at 0, CR1 register)
and AE (see fig 5).
AX(Odd TS0 Bit3) = AE + LOF + WER NOT
MERA
WT
Word to Transmit. This bit is read only.
First Case FILT = 1.
After TS0XR writing by microprocessor with
WT =1,WT is resettedat”0” after three
consecutive transmissions of Sa4X to
Sa8X bits onto the line.
Second Case FILT = 0.
After TSOXR writing by microprocessor with
WT =1,WT is resettedat”0” after one
transmission of bits located in TS0XR register.
9.19 Sa6XR: Sa6 Bits Transmit Register
70
1
WT
Nu
Nu
Sa61X Sa62X Sa63X Sa64X
After Reset = 8FH
Sa61X, Sa62X, Sa63X, Sa64X
These four bits are transmitted on subchannel
Sa6 in accordance with CR6 and CR7 Registers.
WT
Word to Transmit. This bit is read only.
First Case SaT = 1.
After Sa6XR writing by microprocessor,
WT =1.WT is resettedat”0” after three
consecutive transmissions of Sa61X to
Sa64X bits onto the line.
Second Case SaT = ”0”.
After Sa6XR writing by microprocessor,
WT = 1, WT is resetted at ”0” after one
transmission of bits located in Sa6XR
Register.
9.21 SIGR: Signalling Register
70
1
SHCR SIG
STS4 STS3 STS2 STS1 STS0
After Reset = 90H
STS 0/4 Signalling Time Slot 0/4:
these five bits indicate which time Slot out
of 32 to transmit and to receive on BRD0 and
BXDI pins respectively, when SIG bit is at 1.
SIG
Signalling Validated.
Receiver Side :
When SIG is at ”1”, the contents of Time
Slot selected appear on the BRDO pin at
64 kb/s and its clock associated o
the RCLO pin at 64kHz.
When SIG is at ”0”, the contentsof 32 Time
slots received appear onto BRDO pin at
2 048 kb/s and clock associated onto
RCLO pin at 2 048 kHz.
transmitter side :
When SIG is at ”1”, a bit stream at 64 kb/s
on BXDI pin will be introduced into time
Slot, selected by STS0 to STS4 bits, to
the line. The bit stream on the input BXDI
pin is clocked by clock at 64KHz delivered
by BXDO pin (BXDI pin is an input and
BXDO pin is an output).
When SIG is at ”0”, the bit stream at 2 048
kb/s on BXDI pin will be introduced into 32
Time Slots to the line.
SHCR: Synchronization of High Clock Received.
If DPIS (CR5) = 0:
SHCR = 1, DPLL receives RCLI signal
from RCLI pin.
SHCR = 0, DPLL receives the remoteclock
recovered from the line.
If DPIS (CR5) = 1:
SHCR is not taken into account.
DPIS
SHCR
Source of the signal at the DPLL
input:
0
0
line
0
1
RCLI pin
1
0
DPI pin
1
1
DPI pin
9.22 LP4R: Loop Back 4 Register
70
1
SLCR
LP4
LTS4 LTS3 LTS2 LTS1 LTS0
After Reset = 80 H
LTS 0/4Loo Back time Slot 0/4:
these five bits indicate which time slot out
of the 32 is selected for the loopback.
STLC5432
18/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com