Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 24Page - STMicroelectronics STLC5432 Datasheet HTML 25Page - STMicroelectronics STLC5432 Datasheet HTML 26Page - STMicroelectronics STLC5432 Datasheet HTML 27Page - STMicroelectronics STLC5432 Datasheet HTML 28Page - STMicroelectronics STLC5432 Datasheet HTML 29Page - STMicroelectronics STLC5432 Datasheet HTML 30Page - STMicroelectronics STLC5432 Datasheet HTML 31Page - STMicroelectronics STLC5432 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
LINE STATE
REGISTERS
RECEIVING
ALARMS
DETECTED
ALARMS
TRANSMITTED
ODD TS0
BIT 3
Ax
LOS
AIS
915
LOF
WER
AR
CAR1
COMPLEM.
ALARM
REGISTER
ALR
ALARMS
REGISTER
(TSOXR)
AE Bit
MERA
(CR1)
Bit 0
Bit 1
Bit 2
Bit 3
Bit 0
Bit 5
or
and
D93TL050B
Figure 5: Main Alarm Processing
SA pin: 0V
SA pin: 5V
Serial Interface
P0 + P1 = 0
Parallel Interface: P0 + P1 # 0
Stand Alone
During
Time Slot 0:
IF TSOE = 0 (CR5)
During Time Slot 0:
Dout pin is High Z.
IF TSOE = 1
During Time Slot 0:
Dout pin delivers consecutively:
Dout pin
delivers
messages
and
Din pin
receives
messages
ODD
SKIP
SLC
Sa4R
Sa5R
Sa6R
Sa7R
Sa8R
ODD = 1 The contents of 31 Time Slots is related to
odd frame received from the line.
ODD = 0 The contents of 31 Time Slots is related to
even frame received from the line. (See Figure 6a).
Din pin receives eight bits:
X
X
X
Sa4E
Sa5E
Sa6E
Sa7E
Sa8E
During Time Slot 0:
Dout pin delivers eight alarms
SLC
SKIP
AR
MFNR
LOF
B
AIS
LOS
Din pin is ignored during Time Slot 0
D93TL051E
Figure 6: DIN and DOUT During Time slot 0.
STLC5432
28/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com