Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC5432 Datasheet HTML 1Page - STMicroelectronics STLC5432 Datasheet HTML 2Page - STMicroelectronics STLC5432 Datasheet HTML 3Page - STMicroelectronics STLC5432 Datasheet HTML 4Page - STMicroelectronics STLC5432 Datasheet HTML 5Page - STMicroelectronics STLC5432 Datasheet HTML 6Page - STMicroelectronics STLC5432 Datasheet HTML 7Page - STMicroelectronics STLC5432 Datasheet HTML 8Page - STMicroelectronics STLC5432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
PIN DESCRIPTION (continued)
Name
Pin
Type
Function
LCLK
23
I
Local Clock : this clock input determines the data shift rate on the two digital
multiplexes. This clock frequency can be indifferently 2048, 4096, 8192 or 16384kHz.
Data Out and Data In rate is always 2048 kbit/s when Serial Interface microprocessor:
an internal automatic mechanism divides by two the frequency if 4096 kHz.
LFSR
24
I
Local Frame Synchronization for the Receiver. This clock input defines the start of the
frame on the digital multiplex Data (pin DOUT). This clock frequency can be
indifferently 8 kHz or a submultiple of 8 kHz.
LFSX
25
I
Local Frame Synchronization for the Transmitter. This clock input defines the start of
the frame on the digital multiplex Data (pin DIN). This clock frequency can be
indifferently 8 kHz or a submultiple of 8 kHz.
If submultiple of 8 kHz, LFSX defines the start of even frame on DIN. The TSO of this
even frame will contain the Frame Alignment Signal (FAS) on the line.
AL0,
AL1
32
31
O
O
Alarm 0 Output, alarm 1 Output. These pins are open drain outputs which are
normally in high impedance state.
AL1
AL0
Alarm definitions
Z
Z
Frame or Multiframe recovered,
A bit received is 0.
0Volt
Z
Frame or Multiframe recovered,
A bit received is 1
Z
0Volt
Frame and Multiframe lost, AIS
Alarm Indication Signal is detected.
0Volt
0Volt
Frame and Multiframe lost, AIS
Alarm Indication Signal is not detected.
DPI
38
I
DPI input: The internal DPLL is synchronized either by the signal applied on DPI input
(if DPIS bit of CR5 register is = 0) or by the 2MHz clock recovered from the line.
SA/RESET
2
I
Stand Alone : When this pin is connected to 5 Volts, the device works without
microprocessor. The configuration is given by the values per default of programmable
registers. BRDI and BXDI must not be used.
RESET: When this pin is put to 5 Volts during 100 ns at least every programmable
register is reset (value per default). When this pin is set at zero Volt, the type of
microprocessor is selected by P0, P1 pins.
P0, P1
39, 43
I
Processor interface. These two input pins define the microprocessor interface
chosen.
P1
P0
Microprocessor Interface
-----------------------------------------------------------------------------------
0
0
Serial Microprocessor Interface
0
1
ST9 Microprocessor Interface
1
0
Multiplexed Motorola processor interface
1
1
Multiplexed Intel processor interface
AS/ALE
13
I
Address Strobe/Address Latch Enable. Input
CS
35
I
Chip Select. A high level on this input selects the PRCD for a read write operation.
R/W/WR
26
I
Read/Write/Write Data. Input.
DS/RD
21
I
Data Strobe/Read Data. Input.
A/D0 to A/D7
4 to 7;
27 to 30
I/O
Address/Data 0 to 7. Input-Output.
INT
8
O
Interrupt Request. The signal is activated low when the PRCD requests an interrupt. It
is an open drain output.
STLC5432
3/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com