Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 15Page - STMicroelectronics STLC5432 Datasheet HTML 16Page - STMicroelectronics STLC5432 Datasheet HTML 17Page - STMicroelectronics STLC5432 Datasheet HTML 18Page - STMicroelectronics STLC5432 Datasheet HTML 19Page - STMicroelectronics STLC5432 Datasheet HTML 20Page - STMicroelectronics STLC5432 Datasheet HTML 21Page - STMicroelectronics STLC5432 Datasheet HTML 22Page - STMicroelectronics STLC5432 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
DELAY BETWEEN INPUT SIGNAL (LI1 OR LI2) AND OUTPUT SIGNAL (LCR) AT 8KHz AFTER
SYNCHRONIZING (when SLCR = 1, LP4R Register Bit)
LP4
Loopback 4
When this bit is at ”1”, loop back 4 is
validated during Time Slot selected. The
loop back is located between DOUT and
DIN pins. The loop back is transparent
during the Time Slot selected. DOUT
always delivers the contents of each Time
Slot.
SLCR Synchronization of Low Clock Received
Relevant if LTM (CR1) = 0.
SLCR = 1, LCR output signal will be syn-
chronized once when MFR bit (or MFNR
bit) will go to ”1”. After synchronizing, the
falling edge of LCR signal is in accord-
ance with the 6th bit of time slot 1 seen
at the input of the circuit. (LI1 pin or LI2
pin). The input signal is assumed without
jitter.
SLCR = 0, LCR output signal is free. The
LCR frequency is a submultiple of HCR
frequency.
STLC5432
19/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com