Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 28Page - STMicroelectronics STLC5432 Datasheet HTML 29Page - STMicroelectronics STLC5432 Datasheet HTML 30Page - STMicroelectronics STLC5432 Datasheet HTML 31Page - STMicroelectronics STLC5432 Datasheet HTML 32Page - STMicroelectronics STLC5432 Datasheet HTML 33Page - STMicroelectronics STLC5432 Datasheet HTML 34Page - STMicroelectronics STLC5432 Datasheet HTML 35Page - STMicroelectronics STLC5432 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
2Mb/s
INTERFACE
S2/T2
RECEIVER
EMITTER
PRCD
HCR
LCR
XTAL
32764KHz
MEMORY
LFSR
DOUT
LCLK
DIN
LFSX
STLC5432
SYSTEM
NETWORK
4KHz
4096KHz
µP
D93TL056C
XTAL1
XTAL2
LTM=0 (Configuration Register1)
Figure 10: Primary Rate Controller Device PRCD - TE mode with serial Microprocessor
HCR
LCR
MASTER CLOCK
32764KHz
DOUT 0
LCLK
LFSX/R
DIN
STLC5432
SWITCHING
NETWORK
FRAME
SIGNAL
BIT CLOCK
D93TL057C
XTAL1
8MHz
8KHz
DOUT 1
LCLK
LFSX/R
DIN
STLC5432
XTAL1
DOUT 2
LCLK
LFSX/R
DIN
STLC5432
XTAL1
DOUT 3
LCLK
LFSX/R
DIN
STLC5432
XTAL1
8Mb/s
8Mb/s
LTM=1 (Configuration Register1)
Figure 11: Four STLC5432 in LT Mode
STLC5432
32/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com