Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 26Page - STMicroelectronics STLC5432 Datasheet HTML 27Page - STMicroelectronics STLC5432 Datasheet HTML 28Page - STMicroelectronics STLC5432 Datasheet HTML 29Page - STMicroelectronics STLC5432 Datasheet HTML 30Page - STMicroelectronics STLC5432 Datasheet HTML 31Page - STMicroelectronics STLC5432 Datasheet HTML 32Page - STMicroelectronics STLC5432 Datasheet HTML 33Page - STMicroelectronics STLC5432 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Figure 7: DIN/DOUT multiplex during Time Slot 0 - Serial Microprocessor Interface Mode.
11111111
10
A0/5
00
11111111
A0/5
10
A0/5
READ CYCLE
IDLE or WRITE CYCLES
NEW READ CYCLE
125
µs
n x 125
µs
DIN
D0/6
1
10
A0/5
INTERRUPT MESSAGE
250
µs
DOUT
READ CYCLE
250
µs
A0/5
1 0
11111111
IDLE
ALARM
REGISTER
ADDRESS
ALARM
REGISTER
DATA
REGISTER
ADDRESS
REGISTER
DATA
D93TL052A
1
D93TL053A
TSO
D0/6
1
00
TSO
A0/5
125
µs
125
µs
DIN
TSO
A0/5
00
125
µs
AD
A
WRITE CYCLE 250
µs
D0/6
1
D
2nd WRITE CYCLE
11
11
11
11
IDLE
D0
D5
D1
D6
D2
1
D3
D4
D DATA
A0
A5
A1
R
A2
0
A3
A4
A ADDRESS REGISTER
05
16
27
34
BIT NUMBER
THE BITS ARE TRANSMITTED TO MULTIPLEX IN ORDER, BIT 1 FIRST
TWO CONSECUTIVE WRITE CYCLES
R/W
0
STLC5432
30/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com