Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 20Page - STMicroelectronics STLC5432 Datasheet HTML 21Page - STMicroelectronics STLC5432 Datasheet HTML 22Page - STMicroelectronics STLC5432 Datasheet HTML 23Page - STMicroelectronics STLC5432 Datasheet HTML 24Page - STMicroelectronics STLC5432 Datasheet HTML 25Page - STMicroelectronics STLC5432 Datasheet HTML 26Page - STMicroelectronics STLC5432 Datasheet HTML 27Page - STMicroelectronics STLC5432 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
Transmitter side:
SaT fixs the number of consencutive
transmissions of Sa61 to Sa64 bits onto
the line before resetting WT (Sa6XR register).
See definition of WT bit in chapter 9.19
OSCD Oscillator Disabled
OSCD = 1, The clock pulse applied to
XTAL1 input pin comes from an external
generator. The internal oscillator is disabled
to reduce power consumption.
XTAL2 pin has to be left open.
OSCD = 0, The two pins of a crystal are
connectedto XTAL1 pin and XTAL2 pin in
accordance with the application schematic
andthe internal oscillator is enabled.
POLSa = 1: Each bit of TS0RR register is reset
after a reading cycle from microprocessor
except if the condition to set the bit at ”1” is
still present.
POLSa = 0: Each bit of TS0RR Register is always
reset after a reading cycle from microproces-
sor. (see also SP bit of CR8 Register).
9.29 CR7 Configuration Register 7
70
1
AMI
Sa81 Sa80 Sa71 Sa70 Sa61 Sa60
After Reset = 80H
Sa60/Sa61
Sa61 Sa60
For Subchannel Sa6
in Transmission,
the source is:
For Subchannel
Sa6 in Reception,
the destination is:
0
0
Bit Sa6X of TS0XR
Register
Sa60 and Sa61 are
not taken into
account: TS0RR
Register receives Bit
Sa6R and DOUT pin
delivers Bit Sa6R
0
1
Bit Sa6X of DIN
received during TS0
1
0
Contents of Sa6XR
Register
Sa6RR Register
1
1
Reserved Code: Do not use
Sa70/Sa71:same definition as Sa40/Sa41.
Sa80/Sa81:same definition as Sa40/Sa41.
AMI
Alternate Mark Inversion.
AMI = 0, select HDB3 code on the line.
AMI = 1, select AMI code on the line.
9.30 CR8 Configuration Register 8
70
1
FILT
SP
Sa4P Sa5P Sa6P Sa7P Sa8P
After Reset = FFH
Sa8P
Sa8 Bit Polarity. This bit is taken into
account if SP =1.
Sa8P =1, Sa8R bit (of TS0RR Register) is
set at ”1”, in accordance with FILT,
when Sa8 bit received from the line
goes from ”0” to ”1”.
Sa8P =0, Sa8R bit (of TS0RR Register) is
set at ”1”, in accordance with FILT,
when Sa8 bit received from the line
goes from ”1” to ”0”.
Sa7P to Sa4P Same definition as Sa8P
SP
Single Polarity
SP =1, Sa8P to Sa4P and POLSa (CR6
Register) bits are taken into
account. Sa8 to Sa4 (changing
state) received from the line are
stored into TS0RR Register in
accordance with FILT. When
TS0RR Register is read by the
microprocessor, TS0RR is put to 0
in accordance with POLSa bit (CR6
register).
SP = 0, Sa8P to Sa4P and POLSa bits are
not taken into account.
Sa8 to Sa4 bits received from the
line are stored into TS0RR Register
in accordance with FILT. When
TS0RR Register is read by the
microprocessor, TS0RR keeps its
contents.
FILT
FILTERING
Receiver side:
FILT = 1 and SP = 1,
Sa8R to Sa4R bits of TS0RR
Register are set at ”1” respectively
if a new state has been received
three times consecutively from
each channelSa8 to Sa4 processed
separately one by one. A TS0R
interrupt is generated.
FILT = 0 and SP = 1,
Sa8R to Sa4R bits of TS0RR
Register are set at ”1” respectively if
a new state has been received
twice consecutively from each
channel Sa8 to Sa4 processed
separately one by one. A TS0R
interrupt is generated.
FILT = 1 and SP = 0,
Sa8 to Sa4 bits received from the
line and processed independently
are stored into TS0RR Register
if one new bit has been received
three times identically at least. A
TS0R interrupt is generated.
FILT = 0 and SP = 0,
Sa8 to Sa4 bits received from the
line are stored into TS0RR Register
each 250ms without processing. A
TS0R interrupt is generated.
Transmitter side:
See TS0XR register definition chapter 9.18.
STLC5432
24/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com