Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 35Page - STMicroelectronics STLC5432 Datasheet HTML 36Page - STMicroelectronics STLC5432 Datasheet HTML 37Page - STMicroelectronics STLC5432 Datasheet HTML 38Page - STMicroelectronics STLC5432 Datasheet HTML 39Page - STMicroelectronics STLC5432 Datasheet HTML 40Page - STMicroelectronics STLC5432 Datasheet HTML 41Page - STMicroelectronics STLC5432 Datasheet HTML 42Page - STMicroelectronics STLC5432 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
XTAL1
tpd
THCR/2
THCR/2
THCR
tpd
t=30.5ns
TLCR
TLCR
TL
HCR
LCR
td
td
td td
8MCR
THCR
122ns
1
(8MHz)
0
(4MHz)
244ns
8KCR
TLCR
125
µs
1
(8MHz)
0
(4KHz)
250
µs
LTM = 1 LT MODE HCR AND LCR ARE GENERATED BY CLOCK APPLIED TO XTAL1 PIN. JITTER FILTER IS NOT VALIDATED
LTM = 0 LE MODE HCR AND LCR CLOCK ARE RECOVERED FROM THE LINE VIA JITTER FILTER
D93TL064C
LT MODE ONLY
{
Figure 18a: High Clock and Low Clock in LT and TE Mode
T
ts
LCLK
LFSX
LFSR
tH
ts
DIN
DCP = 1
D93TL065A
BIT 0; TS 0
T
tH
DOUT
tpd
tpdz
DOUBLE CLOCK PULSE
T = 244ns MULTIPLEX AT 2Mb/s
T = 122ns MULTIPLEX AT 4Mb/s
T = 61ns MULTIPLEX AT 8Mb/s
Figure 19: Double Clock Pulse Timing.
STLC5432
39/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com