Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 9Page - STMicroelectronics STLC5432 Datasheet HTML 10Page - STMicroelectronics STLC5432 Datasheet HTML 11Page - STMicroelectronics STLC5432 Datasheet HTML 12Page - STMicroelectronics STLC5432 Datasheet HTML 13Page - STMicroelectronics STLC5432 Datasheet HTML 14Page - STMicroelectronics STLC5432 Datasheet HTML 15Page - STMicroelectronics STLC5432 Datasheet HTML 16Page - STMicroelectronics STLC5432 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
8.2 Serial Interface Mode
When an Alarm bit is put to 1 in ALR (Alarm Reg-
ister), this bit generates automatically the trans-
mission of two bytes message onto DOUT during
Time slot 0 with :
– The first bit of the first byte at 0; the second
bit is at 0 and after the address bits of Alarm
Register.
– The data of the ALR (Alarm Register) is the sec-
ondbyte.
NB : When TSOR or Sa6R
bit of the CAR1
(Complementary Alarm Register 1) is put to ”1”, it
generates a message in which there are address
and data of TSORR Register (if TSOR bit is not
masked), or address and data of Sa6RR register
(if Sa6R is not masked).
If the four occurences to transmit a message are si-
multaneous,the priority order is:
Priority 1 :
Transmission of Alarm
Register data if an alarm
has been detected.
Priority 2 :
Transmission of Register
data after reading message
from remote entity.
Priority 3 :
Transmission of TSORR
data after loading of this
register.
Priority 4 :
Transmission of Sa6RR
data after loading of this
register.
8.3 Stand Alone Mode
Interrupts are not generated.
AL0, AL1 pins indicate the current state of three
alarms : LOF, AIS, A bit received and DOUT pin
indicates the current state of nine alarms during
time-slot zero (See Par. 6.3).
STLC5432
13/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com