Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 17Page - STMicroelectronics STLC5432 Datasheet HTML 18Page - STMicroelectronics STLC5432 Datasheet HTML 19Page - STMicroelectronics STLC5432 Datasheet HTML 20Page - STMicroelectronics STLC5432 Datasheet HTML 21Page - STMicroelectronics STLC5432 Datasheet HTML 22Page - STMicroelectronics STLC5432 Datasheet HTML 23Page - STMicroelectronics STLC5432 Datasheet HTML 24Page - STMicroelectronics STLC5432 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
RDS0/1Receive Data Select Bit 0/1
When the PRS analyser is validated
SAV = 1 (TCR2), Sequence is checked by
the analyser during the Time Slot(s)
selected by TCR2.
RDS1
RDS0
Source
0
0
Sequence comes from
Memory input.
0
1
Sequence comes from
memory Output.
1
0
Sequence comes from
Data Input (DIN pin). Instead
of sequence, ”1” are
transmitted onto the line.
1
1
Sequence comes from Data
Input (DIN pin). Sequence is
transmitted onto the line.
When the PRS generator is validated,
SGV = 1 (TCR1 register), Sequence is
transmitted by the generator during the Time
Slot(s) selected by TCR1.
RDS1
RDS0
Destination
0
X
Sequence is transmitted
onto the line. Loopback 1
or 3 can be validated.
1
X
Sequence is transmitted on
Data Out (DOUT pin).
DOHZ DOUT High Impedance
DOHZ = 1, DOUT pin is high impedance
DOHZ = 0, DOUT pin is in accordance with
TS0E bit of CR5 register.
9.25 CR3 Configuration Register 3
70
1
ASP
Nu
AISX
ALS
LP3
LP2
LP1
After Reset = 80H
LP1
Loop Back 1
This loop back is the nearestto the line side
pins. If LP1 = 1 incoming data are replaced by
outgoing data.
If AISX=0, loopback is transparent(outgoing
data is transmitted)
If AISX=1, Alarm Indication Signal is transmitted.
LP2
Loop Back 2
Loopback located between the HDB3/BIN
decoder output and the BIN/HDB3 encoder
input. Loop back 2 is always transparent.
If LP2 = 1 Data received from the line are
returned to the line.
LP3
Loop Back 3
If LP3 = 1 Frames and Multiframes genera-
ted by the emitter are connected instead of
data stream coming from the decoder
HDB3-BIN, just before frame memory input.
ALS
Alarm Line Signal to be transmitted.
When this bit is at 1, AIS or APS are
transmitted onto the line.
AISX
Alarm Indication signal.
If ALS is at ”1”, and AISX is at ”1”:
Alarm Indication signal (All 1s) is transmit-
ted onto the line.
If ALS is at ”1” and AISX is at ’0”:
Auxiliary pattern (0-1-0-1-0-1...) is transmit-
ted onto the line.
ASP
Alternate Single Pulse
If ASP = 1 The L01 andL02 outputsdeliver
pulse every 3.9 microseconds. On theline,
onewill be positive,the next negativeand so on.
9.26 CR4 Configuration Register 4
70
1
EQV
AVT
DEL
DCP
M2
M1
M0
After Reset = 80H
The first three bits of this register, M 0/2, must not
be changed by the microprocessor if the serial
µP
is selected, they can be programmed only in par-
allel interface mode. If Serial interface or Stand
Alone mode is chosen, then Multiplexes are at 2
048kb/s and local clock frequency may be either
2 048 kHz or 4 096 kHz.
NB : If parallel micro interface is selected, DOUT
will be valid after writing CR4 Register.
M 0/2
Multiplex DIN and Multiplex DOUT
M2 = 1
Multiplexes are at 8 192 kb/s. Each
multiplex includes 128 Time Slots.
M0 and M1 indicate the Time Slots
selected by the device.
M2 = 0 and M1 = 1
Multiplexes are at 4 096 kb/s. Each
multiplex includes 64 Time Slots.
M0 indicates the Time Slots selected
by the device.
M2 = M1 = 0
Multiplexes are at 2 048 kb/s. Each
multiplex includes 32 Time Slots.
DCP
Double Clock Pulse
When this bit is at ”1”, local clock frequency
value is twice the data rate value.
Data In are shifted on the second falling
edge of the local clock (LCLK).
When this bit is at ”0”, local clock frequency
and data rate value have same value.
Data in are shifted on the falling edge of the
local clock.
DEL
Delayed mode.
STLC5432
21/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com