Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 19Page - STMicroelectronics STLC5432 Datasheet HTML 20Page - STMicroelectronics STLC5432 Datasheet HTML 21Page - STMicroelectronics STLC5432 Datasheet HTML 22Page - STMicroelectronics STLC5432 Datasheet HTML 23Page - STMicroelectronics STLC5432 Datasheet HTML 24Page - STMicroelectronics STLC5432 Datasheet HTML 25Page - STMicroelectronics STLC5432 Datasheet HTML 26Page - STMicroelectronics STLC5432 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
9.27 CR5 Configuration Register 5
70
1
TS0E APD NMF HCRD DPIS CENTER FROZ
After Reset = 80H
FROZ Frozen DPLL.
FROZ = 1, the DPLL is immediately frozen.
Id est: DPLL retains its phase and its
frequency while FROZ is at ”1”.
CENTER Crystal Oscillator Rference.
CENTER = 1, DPLL is synchronised by the
Crystal Oscillator.
CENTER = 0, DPLL is synchronised by the
clock recovered from the line or by the
signal applied to DPLL INPUT PIN (DPI)
in accordance with DPIS.
DPIS
DPLL Input Selection.
DPIS = 1, internal DPLL input receives the
signal applied to DPLL INPUT PIN (DPI)
DPIS = 0, internal DPLL input receives the
signal recovered from the line.
HCRD HCR Disabled.
HCRD = 1, HCR pin is high impedance
HCRD = 0, HCR pin is low impedance.
NMF
No Multiframe.
NMF = 1 the multiframe is not transmitted,
only the Frame Alignement Signal (FAS)
is transmitted on the line duringthe time slot 0.
The receiver is not concerned by this bit.
NMF = 0 the multiframe (MFAS) is trans-
mitted with the CRC4, the Frame Aligne-
ment Signal (FAS) is transmitted in accord-
ance with G.704.
APD
Alarm Pattern on DOUT.
When this bit is ”1”, DOUT Pin delivers
Auxiliary Pattern: (0-1-0-1-0-1...).
TS0E
DOUT enabled during Time Slot Zero.
In serial microprocessor mode, this bit is
not significant: in this case Time Slot Zero
is used to exchange data between the
device and the remote serial interface
microprocessor.
In parallel microprocessor mode,TS0E bit
is taken into account:
TS0E =1.
Sa4R to Sa8R bits of the TS0RR
Register are transmitted onto DOUT
during the time Slot Zero. The bits
1 to 3 of this same time Slot Zero
are ODD, SKIP, SLC.
- When ODD = 1, the contents of
Time Slot 1 to 31 are relative to the
contents of odd frame received
from the line.
- When ODD = 0, the contents of
Time Slot 1 to 31 are relative to
the content s of even frame
received from the line.
If the sinchronisation is lost or if the error
rate is over the programmed threshold, the
DOUT pin is set at ”1”.
The bits 4 to 8 of the incoming time Slot
Zero (DIN pin) are transmitted onto the line
in accordance with CR6 and CR7 Registers.
Bits 1 to 3 are ignored.
TS0E = 0.
DOUT is high impedance during
the time Slot Zero. Incoming bits
on DIN pin are ignored during
Time Slot Zero.
9.28 CR6 Configuration Register 6
70
1
POLSa OSCD SaT
Sa51 Sa50 Sa41 Sa40
After Reset = 80H
Sa40/Sa41
Sa41 Sa40
For Subchannel Sa4
in Transmission,
the source is:
For Subchannel
Sa4 in Reception,
the destination is:
0
0
Bit Sa4X of TS0XR
Register
TS0RR Register
receives Bit Sa4R
and DOUT pin
delivers Bit Sa4R.
0
1
Bit Sa4X of DIN
received during TS0
1
0
Reserved Code: Do not use
1
1
Reserved Code: Do not use
Sa50/Sa51
Sa51 Sa50
For Subchannel Sa5
in Transmission,
the source is:
For Subchannel
Sa5 in Reception,
the destination is:
0
0
Bit Sa5X of TS0XR
Register
TS0RR Register
receives Bit Sa5R
and DOUT pin
delivers Bit Sa5R.
0
1
Bit Sa5X of DIN
received during TS0
1
0
Reserved Code: Do not use
1
1
Reserved Code: Do not use
SaT
Same Bits Three times.
SaT = 1: if a new value for the Sa5R,
Sa61R, Sa62R, Sa63R and Sa64R bits has
been received three times identical, these
bits are loaded into Sa6RR register and a
Sa6R interrupt is generated.
SaT = 0: each millisecond the Sa5R, Sa61R,
Sa62R, Sa63R and Sa64R bits are loaded
into Sa6RR register and a Sa6R interrupt is
generated.
STLC5432
23/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com