Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 18Page - STMicroelectronics STLC5432 Datasheet HTML 19Page - STMicroelectronics STLC5432 Datasheet HTML 20Page - STMicroelectronics STLC5432 Datasheet HTML 21Page - STMicroelectronics STLC5432 Datasheet HTML 22Page - STMicroelectronics STLC5432 Datasheet HTML 23Page - STMicroelectronics STLC5432 Datasheet HTML 24Page - STMicroelectronics STLC5432 Datasheet HTML 25Page - STMicroelectronics STLC5432 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
When DEL is at ”0”, Bit 0 of TS0
is indicated by the rising edge of Frame
synchronization signal.
When DEL is at ”1”, Bit 0 of TS0 is delayed;
the rising edge of Frame Synchronization
indicates the bit located just before Bit 0
Time Slot 0.
AVT
Adaptative Voltage Threshold Validation.
When AVT is at 1, the adaptive voltage
threshold is validated.
When AVT = 0, the adaptive function is not
validated; receiving is performed if the
attenuation of the signal is less than 6 dB.
EQV
Equalizer Validation.
When EQV is at ”1” internal equalizer is
validated (external capacitors are required
at the LI1 and LI2 inputs).
When EQV is at 0, the equalizer is never
operating (external capacitors are not
required).
TABLE OF DIFFERENT LOCAL MULTIPLEX (with Parallel microprocessor interface only)
CONFIGURATION BITS
Local Clock
Multiplexes
DIN
DOUT
M2
M1
M0
DCP
LCLK in kHz
Data Rate in Kb/s
Number of Time
Slots (TS)
Time Slot in
accordance with
the TSn of the
device 0
≤ n ≤ 31
0
0
0
0
0
0
0
1
2048
4096
2048
1 X 32
TSn
0
0
1
1
0
0
0
1
4096
8192
4096
2 X 32
TS 2n
0
0
1
1
1
1
0
1
4096
8192
TS 2n + 1
1
1
0
0
0
0
0
1
8192
16384
8192
4 X32
TS 4n
1
1
0
0
1
1
0
1
8192
16384
TS 4n + 1
1
1
1
1
0
0
0
1
8192
16384
TS 4n + 2
1
1
1
1
1
1
0
1
8192
16384
TS 4n + 3
Ex : M2 = 1, M1 = 1, M0 = 0, each Multiplex includes 128 Time Slots, the data processed by the de-
vice during the internal time Slot 3 are the data connecte d to multiplexes during the external time slot
14 = 4 X 3 + 2.
STLC5432
22/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com