Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 38Page - STMicroelectronics STLC5432 Datasheet HTML 39Page - STMicroelectronics STLC5432 Datasheet HTML 40Page - STMicroelectronics STLC5432 Datasheet HTML 41Page - STMicroelectronics STLC5432 Datasheet HTML 42Page - STMicroelectronics STLC5432 Datasheet HTML 43Page - STMicroelectronics STLC5432 Datasheet HTML 44Page - STMicroelectronics STLC5432 Datasheet HTML 45Page - STMicroelectronics STLC5432 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
tWA
ALE
READ CYCLE
tRR
tRI
tLA
tAL
tRD
tDF
ADDR
DATA
CS.RD
tWW
tWI
tDW tWD
CS.WR
WRITE CYCLE
DATA
DATA
AD0/7
D93TL073B
Signal name
Corresponding pin
AS/ALE (13)
ALE
AD0/7
CS (35) & DS/RD (21)
CS.RD
CS (35) & R/W/WR (26)
CS.WR
A/D0 to A/D7
(
4 ........30)
Multiplexed Intel-like
µP bus timing. (P0 = 5V; P1 = 5V)
READ CYCLE (Multiplexed Intel Mode)
Symbol
Parameter
Min.
Max.
Unit
tLA
Address Hold After ALE
10
ns
tAL
Address to ALE Setup
20
ns
tRD
Data Delay from RD
80
ns
tRR
RD Pulse Width
110
ns
tDF
Output Float Delay
25
ns
tRI
RD Control Interval
70
ns
tWA
ALE Pulse Width
30
ns
tCSS
CS to RD or WR set-up tCSS
20
ns
tAAH
CS hold after RD or WR tCSH
10
ns
WRITE CYCLE (Multiplexed Intel Mode)
Symbol
Parameter
Min.
Max.
Unit
tWW
WR Pulse Width
60
ns
tDW
Data Setup to WR
35
ns
tWD
Data Hold after WR
10
ns
tWI
WR Control Interval
70
ns
STLC5432
44/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com