Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 7Page - STMicroelectronics STLC5432 Datasheet HTML 8Page - STMicroelectronics STLC5432 Datasheet HTML 9Page - STMicroelectronics STLC5432 Datasheet HTML 10Page - STMicroelectronics STLC5432 Datasheet HTML 11Page - STMicroelectronics STLC5432 Datasheet HTML 12Page - STMicroelectronics STLC5432 Datasheet HTML 13Page - STMicroelectronics STLC5432 Datasheet HTML 14Page - STMicroelectronics STLC5432 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
5.3.1 Typical case
Remote entity transmits Frame Alignment Signal
(FAS) and Multiframe Alignment Signal (MFAS).
As soon as lost of Frame Alignment is occured
(LOF = 1), the local receiver recovers FAS from
254 up to 500
µs after. As soon as FAS is recov-
ered (LOF = 0), the local receiver recovers MFAS
from 4 up to 6ms after.
5.3.2 Old Existing Equipment Case
Remote entity transmits Frame Alignment Signal
(FAS) without Multiframe Alignment Signal (MFAS).
As soon as lost of Frame Alignment is occured
(LOF=1), the local receiver recovers FAS from 254
up to 500
µs after. Then LOF = 0, and 400ms after
the local receiver indicates that the Multiframe Aligne-
ment Signal has not been recovered (MFNR = 1).
5.3.3 Particular Case: Spurious Frame Alignment
Signal
Local receiver receives true FAS and true MFAS
among several spurious FAS.
Multiframe Alignment signal (MFR=1) is recovered
from 8 to 400ms after the Frame Alignment signal
is recovered (LOF=0). Then, this FAS is either a
spurious one (the ”Spurious Time slot Zero” is car-
rying FAS without MFAS), or true FAS.
Anyway, when the Multiframe Alignment has been
recovered (MFR=1), the good Frame Alignment
Signal is taken into account and data are loaded
into the Frame Memory at the good location.
See Fig. 13 synchronization algorithm.
5.3.4 Worst Case
Local receiver receives true FAS and true MFAS
among several spurious FAS and several spuri-
ous MFAS.
In this case, if the circuit has recovered a spuri-
ous FAS and MFAS, the CRC blocks will be de-
tected with an high error rate. As soon as 915 er-
rored CRC block within 1000 will be detcted, the
MFAS will be assumed as spurious and a new re-
search starts at the point just after the location of
the assumed spurious Frame Alignement Signal.
5.4 Transmitter SIDE
The Frame Alignement Signal is transmitted con-
tinuously on the transmitter side, with bit 1 of TS0
at logical 1. The MFAS signal is transmitted in ac-
cordance with NMF bit register (CR5 Register): if
NMF is programmed to ”1” Logic, no MFAS is
transmitted; if NMF is programmed to ”0” Logic
the MFAS signal is transmitted continuously.
Table 2.
LOF
MFR
MFNR
RECEIVER STATE
1
0
0
FAS or MFAS has been lost.
State: Research of FAS
0
0
0
FAS has been recovered.
State: Research of MFAS
0
1
0
Frame and Multiframe recovered
State: Good working.
0
0
1
Frame recovered.
State: Good working without
multiframe received from
transmitting side.
6 Interfacing with the microprocessor
The device can work in one of the 3 following
modes :
– Parallel microprocessor Interface Mode
– Serial microprocessor Interface Mode
– Without microprocessor : Stand Alone Mode.
The choice is done by means of the SA/Reset, P0
and P1 pins.
6.1 Parallel Microprocessor Interface Mode
The microprocessor can read (or write) the regis-
ters of the STLC5432 using the fifteen parallel In-
terface pins.
The use of TSO (Time Slot Zero) of DIN and
DOUT digital multiplex is defined by TSOE bit of
CR5 Register.
– If TSOE = 1, TSO on DIN multiplex Input is
used to transfer Sa4 to Sa8 bits to the line
and TSO on DOUT multiplex output is used to
transfer Sa4 to Sa8 bits from the line.
– If TSOE = 0, DOUT output is high impedance
during TSO, and DIN Input ignores data dur-
ing TSO.
6.2 Serial Microprocessor Interface Mode
Fifteen parallel Interface pins are ignored, they
are tied to ground. In this mode, the time slots 0
of internal multiplexes are considered like a chan-
nel used by the devices and the control entity lo-
cated in the system to communicate. This chan-
nel can be switched across a switching network
-or not- before its final destination.
The message is constituted by two bytes which
are transmitted on two consecutive Time Slots
Zero.
The bits of word are numbered 0 to 7, bit 0 is
transmitted first. When the bit 7 of a byte is 0, this
byte is the first word of the message.
The bit 6, of the first word, is R/W bit:
R/W = 1. Message to read a register whose ad-
dress is designated by the following bits of the
word ( A 0/5).
STLC5432
11/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com