Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 12Page - STMicroelectronics STLC5432 Datasheet HTML 13Page - STMicroelectronics STLC5432 Datasheet HTML 14Page - STMicroelectronics STLC5432 Datasheet HTML 15Page - STMicroelectronics STLC5432 Datasheet HTML 16Page - STMicroelectronics STLC5432 Datasheet HTML 17Page - STMicroelectronics STLC5432 Datasheet HTML 18Page - STMicroelectronics STLC5432 Datasheet HTML 19Page - STMicroelectronics STLC5432 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
When a bit of this register is at ”1”, the CAR1
Register bit which has the same number is
masked. The CAR1 bit which is masked do not
generate an interrupt.
9.6 CAR2: Complementary Alarm Register 2
70
1
PRSL PRSR MFNR MFR
0
SLC
SKIP
After Reset = 80H
SKIP
SKIP.
After frame recovery, this bit is at ”1”
when an entire frame (32 words)
has been ignored or has been repeated
two times onto DOUT.
SLC
Slow Local Clock.
This bit does not generate interrupt.
When the value of this bit is 0, local clock
is faster than the remote clock.
When the value is ”1”, local clock is slower
than the remote clock (an entire frame has
been ignored).
MFR
Multiframe recovered within 400 ms.
After reframe time, if the multiframe is
recovered within 400 ms, MFR is set to ”1”.
MFNR Multiframe Not recovered within 500 ms.
After reframe time, the circuit researches
the multiframe during 500 milliseconds.
After this time, if the multiframe has not
been recovered, MFNR is set at ”1”. Then
the circuit is activated with the frame
recovery only, and the AX bit (bit 3 of the
odd Time Slot Zero transmitted) is set at ”0”.
PRSR Pseudo Random Sequence Recovered.
When the PRS analyzer is validated (SAV
= 1), PRSR bit is set at ”1” if the synchro-
nization is performed.
PRSL Pseudo Random Sequence Lost.
PRSL, this bit is set to ”1” when PCR1/2
(PRS Counter Register) has reached 2
14
detected faults.
9.7 CAMR2: Complementary Alarm Mask
Register 2
70
1
MPRSL MPRSR MMFNR MMFR Nu
1 MSKIP
After Reset = FFH
This register can be read or written.
Bits: MMFNR, MMFR and MSKIP mask respectively
bit MFNR, MFR and SKIP when they are at ”1”.
9.8 FCR1: Fault Counter Register 1
70
1
F6
F5
F4
F3F2F1F0
After Reset = 80H
F0/6
7 less significant bits of the FCR counter.
9.9 FCR2: Fault Counter Register 2
70
1
F13
F12
F11
F10
F9
F8
F7
After Reset = 80H
F7/13
7 most significant bits of the FCR counter.
If POL bit of CR2 register is at ”0”, the value of 14
bits fault counter is loaded into these registers
each second. If POL = 1, the registers are reset-
ted after each access. (POL indicates the differ-
ence between polling mode and interrupt mode,
see also CR2 register).
When the multiframe has not been recovered
within 400ms (MFNR = 1), these two registers in-
dicate the number of errored bits of Frame Align-
ment Signal received over one second period.
When the multiframe is recovered, these two reg-
isters indicate the number of errored CRC blocks
received over one second period.
9.10 ECR1: E Bit Counter Register 1
70
1
E6
E5E4
E3E2E1E0
After Reset = 80H
E 0/6
7 less significant bits of ECR counter
9.11 ECR2: E Bit Counter Register 2
70
1
E13
E12
E11
E10
E9
E8
E7
After Reset = 80H
E 7/13 7 most significant bits of the ECR counter
.
ECR1 and ECR2 are two registers associated to
ECR counter. Each second, the value of the
counter is loaded into these register (POL = 0).
When the multiframe is recovered, these two reg-
isters indicate the number of errored E bits re-
ceived over 1 second period.
STLC5432
16/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com