Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 38Page - STMicroelectronics STLC5432 Datasheet HTML 39Page - STMicroelectronics STLC5432 Datasheet HTML 40Page - STMicroelectronics STLC5432 Datasheet HTML 41Page - STMicroelectronics STLC5432 Datasheet HTML 42Page - STMicroelectronics STLC5432 Datasheet HTML 43Page - STMicroelectronics STLC5432 Datasheet HTML 44Page - STMicroelectronics STLC5432 Datasheet HTML 45Page - STMicroelectronics STLC5432 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
AS
DS
R/W
CS
AD0/7
tWAS
tWDS
tASDS
tCSS
tRWH
tCSH
tAAS
tAAH
tDV
tDF
tDWS
tDWN
ADDRESS
VALID
READ DATA
VALID
AD0/7 READ
CYCLE
WRITE DATA
VALID
AD0/7 WRITE
CYCLE
D93TL072B
tRWS
Signal name
Corresponding pin
AS/ALE (13)
AS
AD0/7
DS/RD (21)
DS
R/W/WR (26)
R/W
CS
CS (35)
A/D0 to A/D7
(
4 ........30)
Multiplexed ST9-like
µP bus timing. (P0 = 5V; P1 = 0V)
Symbol
Parameter
Min.
Max.
Unit
tWAS
AS Pulse Width
30
ns
tWDS
DS Pulse Width
110
ns
tASDS
AS high to DS low
10
ns
tRWS
R/W to DS setup
20
ns
tRWH
R/W hold after DS
10
ns
tCSS
CS to DS setup
20
ns
tCSH
CS hold after DS
10
ns
tAAS
Address to AS setup
20
ns
tAAH
Address hold after AS
10
ns
READ CYCLE
Symbol
Parameter
Min.
Max.
Unit
tDV
Data Valid after DS
80
ns
tDF
Output Flat Delay
25
ns
WRITE CYCLE
Symbol
Parameter
Min.
Max.
Unit
tDWS
Data to DS setup
35
ns
tDWH
Data Hold after DS
10
ns
STLC5432
43/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com