Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 34Page - STMicroelectronics STLC5432 Datasheet HTML 35Page - STMicroelectronics STLC5432 Datasheet HTML 36Page - STMicroelectronics STLC5432 Datasheet HTML 37Page - STMicroelectronics STLC5432 Datasheet HTML 38Page - STMicroelectronics STLC5432 Datasheet HTML 39Page - STMicroelectronics STLC5432 Datasheet HTML 40Page - STMicroelectronics STLC5432 Datasheet HTML 41Page - STMicroelectronics STLC5432 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
DPLL
1
CLOCK RECOVERED
FROM THE LINE
RCLI
D95TL232A
SHCR
1
DPI
DPIS
CENTER
FROZEN
1
3
2,4 & 8M
DIVIDER
3
2,4 & 8M
LTM
3
SELECT
DIVIDER
2
MCR0/1
8KCR
XTAL2
XTAL1
Q=32764KHz
HCR
LCR
2,4 & 8MHz
4 & 8KHz
RCLO
Figure 18: HCR and LCR versus configuration bits.
T1/2
td
RCLO
(CLOCK)
BRDO
(DATA)
T’1/2
tH
ts
RCLI
(CLOCK)
BRDI
(DATA)
SIG = 0 T = 488ns
±61 (2048Kb/s)
SIG = 1 T = 15.6
µs±61 (64Kb/s)
T’ = 488ns
±61 (RCLI e BRDI not used)
D93TL063B
T
T1/2
td
T’1/2
T’
Figure 17: Receiver Side Timing
STLC5432
38/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com