Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 23Page - STMicroelectronics STLC5432 Datasheet HTML 24Page - STMicroelectronics STLC5432 Datasheet HTML 25Page - STMicroelectronics STLC5432 Datasheet HTML 26Page - STMicroelectronics STLC5432 Datasheet HTML 27Page - STMicroelectronics STLC5432 Datasheet HTML 28Page - STMicroelectronics STLC5432 Datasheet HTML 29Page - STMicroelectronics STLC5432 Datasheet HTML 30Page - STMicroelectronics STLC5432 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
D93TL048C
100pF
100pF
60
Ω
60
Ω
100nF
10
µF
Zc=120
Ω
0V
Zc=120
Ω
15
Ω
15
Ω
LI1
LO1
LO2
VT
LI2
+5
AL0
AL1
7mA max
XTAL1
XTAL2
0V
0V
33pF
33pF
32768MHz
VCCD1
VCCD2
VCCA
100nF
10
µF
GNDD
GNDA
+5
0V
STLC5432
(*)
(*)
(*) To be inserted for the internal Equalizer
Figure 3: Connections with and without Internal Equalizer.
TX
LO1
LO2
15
Ω
15
Ω
120
Ω
1: 2
RX
LI1
LI2
120
Ω
1: 1
60
Ω
60
Ω
0.1
µF10µF
Z = 120
Ω
LO1
LO2
15
Ω
15
Ω
75
Ω
1 : 1.57
LI1
LI2
75
Ω
2 : 1.57
60
Ω
60
Ω
0.1
µF10µF
Z= 75
Ω
VT
VT
LO1
LO2
15
Ω
15
Ω
120
Ω
or
75
Ω
CONFIG
LI1
LI2
60
Ω
60
Ω
0.1
µF10µF
AUTOMATIC EQUALIZER
CONFIGURATION
VT
100pF
100pF
120
Ω
or
75
Ω
CONFIG
D93TL070A
Figure 4: STLC5432 Line Interface Configurations (CEPT 120
Ω or 75Ω)
STLC5432
27/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com