Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 5 Page - STMicroelectronics

  STLC5432 Datasheet HTML 1Page - STMicroelectronics STLC5432 Datasheet HTML 2Page - STMicroelectronics STLC5432 Datasheet HTML 3Page - STMicroelectronics STLC5432 Datasheet HTML 4Page - STMicroelectronics STLC5432 Datasheet HTML 5Page - STMicroelectronics STLC5432 Datasheet HTML 6Page - STMicroelectronics STLC5432 Datasheet HTML 7Page - STMicroelectronics STLC5432 Datasheet HTML 8Page - STMicroelectronics STLC5432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC to GND
Supply Voltage to Ground
7
V
VI
Voltage at any digital or analog input
VCC+1 to GND-1
V
ILO1,IOL2
Current at LO1 and LO2
±100
mA
IC
Current at any digital or analog input
±30
mA
Tstg
Storage temperature range
-65 to +150
°C
TL
Lead Temperature (soldering, 10s)
+300
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rthj-amb
Thermal Resistance Junction to ambient
Max.
50
°C/W
ELECTRICAL CHARACTERISTICS (VCC =5V
±5%, Tamb = 0 to 70°C; Typical characteristics are speci-
fied at VCC = 5V, Tamb =25
°C; all signal are referenced to GND, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DIGITAL INTERFACE
Vil
Input Low Voltage
All digital inputs
0.8
V
Vih
Input High Voltage
All digital inputs
2.2
V
Vilx
Input Low Voltage
XTAL1 input
0.5
V
Vihx
Input High Voltage
XTAL1 input
VCC-0.5
V
Vol
Output Low Voltage
IL = 7mA for pins AL0, AL1,
INT, DOUT, HCR, LCR.
All other digital outputs:
IL = 1mA
0.4
0.4
V
V
Voh
Output High Voltage
IL = 7mA for pins AL0, AL1,
INT, DOUT, HCR, LCR.
All other digital outputs:
IL = 1mA
2.4
2.4
V
V
Iil
Input Low Current
Any digital input, Gnd < Vin < Vil
10
µA
Iih
Input High Current
Any digital input, Gnd < Vin <
VCC
10
µA
Ioz
Output Current in High
Impedance (tri-state)
All digital tri-state I/Os without
internal pull-up or pull-down
resistor.
10
µA
LINE INTERFACE FEATURES
Zin
Differential Input Resistance
DC measurement between LI1
and LI2 with the equalizer not
connected
200
K
Ω
Vin
Rx sensitivity
Relative to LI1/LI2 pins with
fixed detection threshold
0.6
Vpk
Vpk75
Transmit amplitude
75
Ω at transformer secondary
2.14
2.37
2.60
Vpk
Vpk120
Transmit Amplitude
120
Ω at transformer secondary
2.7
3
3.30
Vpk
Sym
Pulses Symetry
75
Ω or 120Ω at transformer
secondary
5%
Zero
Zero level
% nominal amplitude
10
%
Pwdth
Tx pulses width
at 50% of peak amplitude
219
244
269
ns
Zout
Differential Output Resistance
1
Ω
MASTERCLOCK
MCLK
MCLK Frequency
32.764
MHz
MCLK Frequency tolerance
–50
50
ppm
JITTER PERFORMANCES (for jitter transfer function and admissible jitter please report to the corresponding
characteristics plotted in following page).
Intrinsic jitter
Filter 20Hz - 100KHz
0.125
UI
Intrinsic jitter
Filter 700Hz - 100KHz
0.12
UI
STLC5432
5/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com