Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 27Page - STMicroelectronics STLC5432 Datasheet HTML 28Page - STMicroelectronics STLC5432 Datasheet HTML 29Page - STMicroelectronics STLC5432 Datasheet HTML 30Page - STMicroelectronics STLC5432 Datasheet HTML 31Page - STMicroelectronics STLC5432 Datasheet HTML 32Page - STMicroelectronics STLC5432 Datasheet HTML 33Page - STMicroelectronics STLC5432 Datasheet HTML 34Page - STMicroelectronics STLC5432 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
20dB/dec
x
0
y
fa
fb
fc
fd
Carrier frequency (logarithmic scale)
Gain
(dB)
D94TL134
Figure 8: Jitter Transfer Characteristic (CCITT I431)
LEVEL 1
DOUT
TS0 Z
DIN
PRCD
PARALLEL
INTERFACE
TS16
2Mb/s
D93TL055A
S2/T2
5451
HDLC
TS16
5451
HDLC
TS0
TS0
SYSTEM
TS16 Z
LEVEL 2
ST9
µP
64Kb/s SIGNALLING
LAP D POINT TO POINT
Figure 9: Level 1 - Level 2 Process with Parallel Interface
µP.
YXfa
fb
fc
fd
–19.5dB
0.5dB
10Hz
40Hz
400Hz
100kHz
STLC5432
31/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com