Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 22Page - STMicroelectronics STLC5432 Datasheet HTML 23Page - STMicroelectronics STLC5432 Datasheet HTML 24Page - STMicroelectronics STLC5432 Datasheet HTML 25Page - STMicroelectronics STLC5432 Datasheet HTML 26Page - STMicroelectronics STLC5432 Datasheet HTML 27Page - STMicroelectronics STLC5432 Datasheet HTML 28Page - STMicroelectronics STLC5432 Datasheet HTML 29Page - STMicroelectronics STLC5432 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
9.34 TCR3 Test Configuration Register 3
70
1
CRCC EBC PELC PULS FASC ODTS TWI
After Reset = 80H
TWI
TSO corrupted TWICE.
If FASC=1 and TWI=1, Time Slot 0 selected
by ODTS is corrupted twice only.
If FASC=1 and TWI=0, Time Slot 0 selected
by ODTS is corrupted three times only.
ODTS Odd Time Slot 0
If FASC=1 and ODTS=1, Odd Time Slot
zero is transmitted with Bit 2 at ”0”.
If FASC=1 and ODTS=0, Even Time Slot
Zero is transmitted with Bit 2 at ”1”.
FASC Frame Alignment Signal Corrupted.
In accordance with ODTS and TWI.
If FASC=1, Time Slot 0 transmitted is corrupted.
After transmitting twice or three times
consecutively,FASC changes from ”1” to ”0”.
PULS PULSE
First case : SGV = 0 (TCR2 Register)
If PELC=1 and PULS=1, 512 consecutive
pulses are transmitted on the line during
frame 0 and frame 1. If PELC=1 and
PULS=0, no pulses are transmitted during
16 time-bit (7,8 microseconds).
Second case : SGV = 1 (TCR2 Register)
PULSE is ignored; if PELC changes ”0” to
”1”, one pseudo random sequence bit
transmitted is corrupted.After transmitting
corruptedbit, PELC changes”1” to ”0”.
PELC Pulses transmitted on the line are corupted
in accordance with PULS and SGV (TCR2
Register). After transmitting once time,
PELC changes from ”1” to ”0”.
EBC
E Bit Corrupted.
If EBC=1, E bit of the next frame 13 and E
bit of the next frame 15 will be transmitted
at ”0”. After transmitting once time, EBC
changes from ”1” to ”0”.
CRCC CRC4 corrupted
When CRCC is at ”1”, CRC4 transmitted
into multiframe is continuously corrupted.
STLC5432
26/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com