Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 2Page - STMicroelectronics STLC5432 Datasheet HTML 3Page - STMicroelectronics STLC5432 Datasheet HTML 4Page - STMicroelectronics STLC5432 Datasheet HTML 5Page - STMicroelectronics STLC5432 Datasheet HTML 6Page - STMicroelectronics STLC5432 Datasheet HTML 7Page - STMicroelectronics STLC5432 Datasheet HTML 8Page - STMicroelectronics STLC5432 Datasheet HTML 9Page - STMicroelectronics STLC5432 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
POWER CONSUMPTION
Icc75
Active Current (including line
current)
random output (50% of ones)
40
mA
Icc120
Active Current (including line
current)
random output (50% of ones)
40
mA
TRANSFORMER SPECIFICATION FOR 75
Ω
L:M:N:
Turns ratioes
1.57:1:1
RL
L Windings Resistance
0.23
Ω
RMN
M and N winding resistances
0.11
Ω
LL
Inductance of winding L
F = 100KHz, Vrms = 100mV
2
mH
Ls
Leakage inductange of a
winding, the other being short
circuited
F = 100KHz, Vrms = 100V
0.3
µH
Ck
Inter winding capacitance
F = 100KHz, Vrms = 100mV
15
pF
TRANSFORMER SPECIFICATION FOR120
Ω
L:M:N:
Turns ratioes
2:1:1
RL
L Windings Resistance
0.2
Ω
RMN
M and N winding resistances
0.1
Ω
LL
Inductance of winding L
F = 100KHz, Vrms = 100mV
2
mH
Ls
Leakage inductange of a winding,
the other being short circuited
F = 100KHz, Vrms = 100mV
0.2
µH
Ck
Inter winding capacitance
F = 100KHz, Vrms = 100mV
15
pF
XTALL SPECIFICATIONS
Co
Motional capacitance
0.2
pF
Cc
Shunt capacitance
6
pF
Lo
Inductance
4.718
mH
Rs
Serial resistance
15
Ω
CL
Load (corresponding to two
33pF capacitors connected to
XTAL1 and XTAL2 pins on the
application schematic)
20
pF
DYNAMIC CHARACTERISTICS
tpd
LCLK high to DOUT valid
LCLK high to BXDO valid
XTAL1 high to HCR high or low
150pF; 7mA
50pF; 1mA
150pF; 7mA
50
ns
tpdz
LCLK high to DOUT HZ
150pF; 7mA
50
ns
td
HCR high to LCR high or low
RCLO high to BDRO high or low
150pF; 7mA
50pF; 1mA
–20
20
ns
ts
All data inputs to clock low
10
ns
th
Clock low to all data inputs
10
ns
STLC5432
6/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com