Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 30Page - STMicroelectronics STLC5432 Datasheet HTML 31Page - STMicroelectronics STLC5432 Datasheet HTML 32Page - STMicroelectronics STLC5432 Datasheet HTML 33Page - STMicroelectronics STLC5432 Datasheet HTML 34Page - STMicroelectronics STLC5432 Datasheet HTML 35Page - STMicroelectronics STLC5432 Datasheet HTML 36Page - STMicroelectronics STLC5432 Datasheet HTML 37Page - STMicroelectronics STLC5432 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
LOF = 1
LOSS OF FRAME
DOUT DELIVERS ”ALL 1s”
FRAME RESEARCH
Ax = 1; Ex = 0
FRAME
ALIGNMENT
RECOVERY
LOF = 0
DOUT IS VALIDATED.
TIMER OUT 400ms STARTS.
MULTIFRAME RESEARCH
Ax = 0; Ex = 0
MULTI FRAME
ALIGNMENT RECOVERY
FRAME
ALIGNMENT
LOST
TIME
OUT 400ms
EXPIRED
FCR 1/2 COUNTER IS
VALIDATED TO COUNT
CRC4 BLOCKS RECEIVED
FALSE
NO
NO
NO
YES
YES
YES
MFR = 1
ECR 1/2 COUNTER IS
VALIDATED TO COUNT
E BIT RECEIVED
AT ”0”
FCR 1/2 COUNTER IS
VALIDATED TO COUNT BITS
OF FRAME ALIGNMENT
SIGNAL RECEIVED
FALSE
MFNR = 1
915
CRC4 BLOCK
RECEIVED FALSE
FRAME
ALIGNMENT
LOST
NO
NO
YES
FRAME
ALIGNMENT
LOST
D93TL059B
NO
YES
YES
YES
NO
Figure 13: Synchronization Algorithm
STLC5432
34/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com