Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 28Page - Renesas Technology Corp 2SC5945 Datasheet HTML 29Page - Renesas Technology Corp 2SC5945 Datasheet HTML 30Page - Renesas Technology Corp 2SC5945 Datasheet HTML 31Page - Renesas Technology Corp 2SC5945 Datasheet HTML 32Page - Renesas Technology Corp 2SC5945 Datasheet HTML 33Page - Renesas Technology Corp 2SC5945 Datasheet HTML 34Page - Renesas Technology Corp 2SC5945 Datasheet HTML 35Page - Renesas Technology Corp 2SC5945 Datasheet HTML 36Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 34 of 35
S parameter
(VCE = 3.6 V, IC = 250 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.749
-169.0
10.38
88.4
0.037
34.8
0.508
-149.8
500
0.753
-174.3
8.24
84.2
0.040
37.6
0.507
-155.7
600
0.757
-178.4
6.79
80.9
0.043
39.3
0.509
-159.9
700
0.759
178.1
5.76
78.1
0.046
41.2
0.511
-163.1
800
0.761
175.0
4.99
75.6
0.049
42.9
0.513
-165.8
900
0.762
172.3
4.39
73.4
0.052
44.1
0.515
-168.0
1000
0.763
169.7
3.92
71.5
0.056
45.2
0.518
-169.8
1100
0.765
167.5
3.54
69.7
0.060
46.2
0.519
-171.4
1200
0.766
165.4
3.23
67.8
0.063
46.8
0.521
-172.9
1300
0.766
163.3
2.97
66.0
0.067
47.0
0.523
-174.1
1400
0.766
161.2
2.75
64.3
0.070
47.5
0.525
-175.2
1500
0.766
159.1
2.56
62.6
0.074
47.8
0.526
-176.2
1600
0.768
157.3
2.39
61.0
0.078
48.0
0.527
-177.1
1700
0.772
155.6
2.25
59.4
0.081
47.9
0.529
-177.9
1800
0.772
154.0
2.12
57.8
0.085
47.8
0.530
-178.8
1900
0.771
152.3
2.00
56.2
0.088
47.6
0.531
-179.5
2000
0.769
150.6
1.90
54.6
0.092
47.4
0.531
179.9
2100
0.770
148.9
1.82
53.0
0.096
47.1
0.532
179.3
2200
0.771
147.2
1.73
51.4
0.100
46.6
0.533
178.7
2300
0.774
145.7
1.66
50.0
0.103
46.4
0.534
178.1
2400
0.775
144.3
1.59
48.6
0.107
45.9
0.534
177.5
2500
0.775
142.9
1.53
47.1
0.110
45.4
0.534
177.0
2600
0.773
141.3
1.47
45.5
0.114
44.7
0.535
176.4
2700
0.772
139.7
1.42
43.9
0.118
44.3
0.535
175.9
2800
0.772
138.1
1.37
42.3
0.121
43.7
0.535
175.4
2900
0.774
136.7
1.33
41.0
0.125
43.1
0.535
174.8
3000
0.775
135.3
1.29
39.5
0.129
42.3
0.535
174.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com