Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 23Page - Renesas Technology Corp 2SC5945 Datasheet HTML 24Page - Renesas Technology Corp 2SC5945 Datasheet HTML 25Page - Renesas Technology Corp 2SC5945 Datasheet HTML 26Page - Renesas Technology Corp 2SC5945 Datasheet HTML 27Page - Renesas Technology Corp 2SC5945 Datasheet HTML 28Page - Renesas Technology Corp 2SC5945 Datasheet HTML 29Page - Renesas Technology Corp 2SC5945 Datasheet HTML 30Page - Renesas Technology Corp 2SC5945 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 27 of 35
S parameter
(VCE = 3.6 V, IC = 20 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.746
-165.2
9.97
89.5
0.041
31.0
0.494
-144.7
500
0.751
-171.3
7.94
84.9
0.044
32.7
0.491
-151.3
600
0.755
-175.9
6.56
81.4
0.046
34.2
0.491
-156.0
700
0.758
-179.7
5.57
78.4
0.049
36.5
0.492
-159.6
800
0.759
177.0
4.82
75.8
0.051
37.9
0.494
-162.5
900
0.760
174.0
4.25
73.5
0.054
39.3
0.496
-164.9
1000
0.763
171.4
3.79
71.4
0.058
40.5
0.498
-166.9
1100
0.764
169.0
3.42
69.5
0.061
41.6
0.500
-168.7
1200
0.765
166.7
3.12
67.6
0.064
42.5
0.502
-170.2
1300
0.766
164.6
2.87
65.7
0.067
42.9
0.503
-171.5
1400
0.766
162.4
2.66
63.8
0.070
43.7
0.505
-172.7
1500
0.767
160.3
2.47
62.1
0.073
44.0
0.507
-173.8
1600
0.769
158.4
2.31
60.5
0.077
44.5
0.508
-174.7
1700
0.772
156.6
2.17
58.8
0.080
44.6
0.511
-175.5
1800
0.772
155.0
2.04
57.2
0.083
44.5
0.512
-176.4
1900
0.772
153.3
1.93
55.5
0.087
44.7
0.513
-177.1
2000
0.770
151.5
1.84
53.9
0.090
44.6
0.514
-177.7
2100
0.771
149.8
1.75
52.2
0.094
44.4
0.515
-178.3
2200
0.773
148.1
1.67
50.6
0.097
44.2
0.516
-179.0
2300
0.775
146.6
1.60
49.2
0.100
44.0
0.517
-179.6
2400
0.777
145.2
1.53
47.7
0.104
43.7
0.518
179.9
2500
0.777
143.7
1.48
46.2
0.108
43.3
0.519
179.4
2600
0.775
142.1
1.42
44.5
0.111
42.9
0.519
178.9
2700
0.774
140.4
1.37
42.9
0.115
42.6
0.520
178.3
2800
0.775
138.8
1.32
41.3
0.118
42.0
0.521
177.8
2900
0.776
137.4
1.28
39.9
0.121
41.5
0.521
177.3
3000
0.778
136.1
1.24
38.5
0.125
40.8
0.522
176.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com