Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 25Page - Renesas Technology Corp 2SC5945 Datasheet HTML 26Page - Renesas Technology Corp 2SC5945 Datasheet HTML 27Page - Renesas Technology Corp 2SC5945 Datasheet HTML 28Page - Renesas Technology Corp 2SC5945 Datasheet HTML 29Page - Renesas Technology Corp 2SC5945 Datasheet HTML 30Page - Renesas Technology Corp 2SC5945 Datasheet HTML 31Page - Renesas Technology Corp 2SC5945 Datasheet HTML 32Page - Renesas Technology Corp 2SC5945 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 29 of 35
S parameter
(VCE = 3.6 V, IC = 50 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.758
-177.0
11.23
86.1
0.029
48.2
0.548
-160.4
500
0.761
179.2
8.87
82.7
0.033
51.3
0.552
-164.7
600
0.764
176.1
7.30
79.9
0.037
53.2
0.556
-167.8
700
0.766
173.4
6.19
77.5
0.041
54.8
0.559
-170.2
800
0.766
170.8
5.36
75.4
0.046
55.7
0.561
-172.3
900
0.766
168.4
4.72
73.5
0.050
56.3
0.564
-174.0
1000
0.768
166.3
4.21
71.7
0.055
56.6
0.566
-175.5
1100
0.769
164.3
3.81
70.1
0.059
57.0
0.568
-176.9
1200
0.769
162.3
3.47
68.5
0.063
56.9
0.570
-178.1
1300
0.769
160.5
3.19
66.9
0.067
56.7
0.571
-179.1
1400
0.768
158.5
2.96
65.2
0.072
56.5
0.572
179.9
1500
0.768
156.6
2.75
63.7
0.076
56.0
0.573
178.9
1600
0.769
154.9
2.58
62.3
0.080
55.8
0.574
178.1
1700
0.772
153.2
2.42
60.8
0.085
55.2
0.576
177.3
1800
0.772
151.7
2.28
59.3
0.089
54.6
0.576
176.6
1900
0.771
150.1
2.16
57.8
0.093
54.1
0.576
175.9
2000
0.768
148.5
2.05
56.3
0.097
53.4
0.576
175.3
2100
0.769
146.8
1.96
54.8
0.101
52.7
0.577
174.7
2200
0.770
145.2
1.87
53.3
0.105
52.0
0.577
174.0
2300
0.772
143.8
1.79
52.0
0.109
51.3
0.577
173.4
2400
0.773
142.4
1.72
50.7
0.113
50.5
0.576
172.8
2500
0.772
141.1
1.66
49.2
0.118
49.8
0.576
172.2
2600
0.770
139.5
1.60
47.7
0.121
48.9
0.576
171.7
2700
0.769
137.9
1.54
46.2
0.126
48.2
0.575
171.1
2800
0.768
136.4
1.49
44.7
0.130
47.2
0.575
170.5
2900
0.769
135.0
1.44
43.3
0.134
46.4
0.574
169.9
3000
0.771
133.7
1.40
42.0
0.138
45.4
0.574
169.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com