Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 10Page - Renesas Technology Corp 2SC5945 Datasheet HTML 11Page - Renesas Technology Corp 2SC5945 Datasheet HTML 12Page - Renesas Technology Corp 2SC5945 Datasheet HTML 13Page - Renesas Technology Corp 2SC5945 Datasheet HTML 14Page - Renesas Technology Corp 2SC5945 Datasheet HTML 15Page - Renesas Technology Corp 2SC5945 Datasheet HTML 16Page - Renesas Technology Corp 2SC5945 Datasheet HTML 17Page - Renesas Technology Corp 2SC5945 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 14 of 35
S parameter
(VCE = 3 V, IC = 150 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.776
177.0
11.25
84.6
0.025
64.8
0.597
-168.1
500
0.777
174.3
8.88
81.7
0.030
65.7
0.602
-171.1
600
0.780
172.0
7.30
79.4
0.035
66.7
0.606
-173.4
700
0.780
169.7
6.20
77.3
0.040
66.5
0.609
-175.3
800
0.780
167.5
5.38
75.5
0.045
66.3
0.611
-177.0
900
0.779
165.5
4.74
73.8
0.050
66.1
0.613
-178.4
1000
0.780
163.5
4.23
72.3
0.055
65.8
0.615
-179.7
1100
0.781
161.8
3.83
70.9
0.060
65.3
0.617
179.2
1200
0.781
160.0
3.50
69.3
0.065
64.4
0.618
178.1
1300
0.780
158.2
3.22
67.9
0.069
63.7
0.619
177.2
1400
0.779
156.4
2.99
66.3
0.074
63.0
0.620
176.3
1500
0.779
154.6
2.79
64.9
0.079
62.2
0.620
175.4
1600
0.780
152.9
2.61
63.5
0.084
61.6
0.621
174.7
1700
0.782
151.4
2.46
62.2
0.088
60.6
0.622
173.9
1800
0.781
150.0
2.32
60.7
0.093
59.6
0.622
173.2
1900
0.780
148.4
2.20
59.3
0.097
58.9
0.621
172.5
2000
0.778
146.8
2.09
57.8
0.102
57.9
0.621
171.9
2100
0.778
145.2
1.99
56.3
0.106
56.9
0.621
171.3
2200
0.778
143.6
1.91
54.9
0.111
56.0
0.621
170.6
2300
0.780
142.2
1.83
53.7
0.115
55.0
0.620
170.0
2400
0.780
140.9
1.76
52.4
0.119
54.0
0.620
169.4
2500
0.780
139.6
1.69
51.0
0.124
53.1
0.619
168.8
2600
0.777
138.0
1.63
49.5
0.128
52.0
0.618
168.2
2700
0.776
136.4
1.57
48.0
0.132
51.1
0.618
167.6
2800
0.775
134.9
1.52
46.6
0.137
50.0
0.617
167.0
2900
0.776
133.6
1.48
45.3
0.141
49.0
0.616
166.4
3000
0.777
132.3
1.43
44.0
0.145
47.8
0.615
165.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com