Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 5Page - Renesas Technology Corp 2SC5945 Datasheet HTML 6Page - Renesas Technology Corp 2SC5945 Datasheet HTML 7Page - Renesas Technology Corp 2SC5945 Datasheet HTML 8Page - Renesas Technology Corp 2SC5945 Datasheet HTML 9Page - Renesas Technology Corp 2SC5945 Datasheet HTML 10Page - Renesas Technology Corp 2SC5945 Datasheet HTML 11Page - Renesas Technology Corp 2SC5945 Datasheet HTML 12Page - Renesas Technology Corp 2SC5945 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 9 of 35
S parameter
(VCE = 3 V, IC = 20 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.750
-165.7
9.73
89.3
0.042
31.0
0.505
-146.0
500
0.754
-171.7
7.74
84.8
0.044
33.1
0.501
-152.5
600
0.758
-176.3
6.39
81.3
0.046
34.3
0.501
-157.1
700
0.761
180.0
5.43
78.4
0.049
36.2
0.503
-160.6
800
0.762
176.7
4.70
75.8
0.052
37.5
0.504
-163.5
900
0.763
173.8
4.14
73.5
0.055
38.8
0.506
-165.8
1000
0.766
171.2
3.69
71.5
0.058
40.2
0.508
-167.8
1100
0.768
168.8
3.34
69.6
0.061
41.5
0.510
-169.5
1200
0.768
166.5
3.04
67.6
0.064
42.3
0.512
-171.0
1300
0.769
164.4
2.80
65.8
0.067
42.8
0.513
-172.3
1400
0.769
162.2
2.59
64.0
0.071
43.5
0.515
-173.4
1500
0.770
160.1
2.41
62.2
0.074
43.8
0.516
-174.5
1600
0.772
158.2
2.26
60.6
0.078
44.2
0.518
-175.5
1700
0.775
156.5
2.12
58.9
0.081
44.4
0.519
-176.3
1800
0.775
154.9
2.00
57.3
0.084
44.4
0.521
-177.1
1900
0.775
153.2
1.89
55.6
0.087
44.6
0.522
-177.8
2000
0.774
151.4
1.80
53.9
0.091
44.4
0.523
-178.4
2100
0.774
149.6
1.71
52.3
0.095
44.2
0.524
-179.0
2200
0.776
148.0
1.64
50.7
0.098
43.9
0.525
-179.7
2300
0.778
146.4
1.57
49.3
0.101
43.8
0.526
179.7
2400
0.780
145.0
1.50
47.8
0.105
43.4
0.527
179.2
2500
0.780
143.6
1.44
46.3
0.108
43.1
0.527
178.7
2600
0.778
142.0
1.39
44.6
0.112
42.6
0.528
178.1
2700
0.777
140.3
1.34
43.0
0.115
42.3
0.528
177.6
2800
0.777
138.7
1.30
41.4
0.119
41.8
0.529
177.1
2900
0.779
137.3
1.26
40.0
0.123
41.3
0.530
176.5
3000
0.781
136.0
1.22
38.6
0.126
40.7
0.530
176.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com