Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 13Page - Renesas Technology Corp 2SC5945 Datasheet HTML 14Page - Renesas Technology Corp 2SC5945 Datasheet HTML 15Page - Renesas Technology Corp 2SC5945 Datasheet HTML 16Page - Renesas Technology Corp 2SC5945 Datasheet HTML 17Page - Renesas Technology Corp 2SC5945 Datasheet HTML 18Page - Renesas Technology Corp 2SC5945 Datasheet HTML 19Page - Renesas Technology Corp 2SC5945 Datasheet HTML 20Page - Renesas Technology Corp 2SC5945 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 17 of 35
S parameter
(VCE = 3.3 V, IC = 10 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.748
-148.7
8.07
94.2
0.061
23.5
0.473
-123.3
500
0.751
-158.3
6.56
88.2
0.062
22.2
0.454
-132.2
600
0.755
-165.3
5.49
83.5
0.063
21.8
0.445
-138.7
700
0.757
-170.6
4.69
79.8
0.065
22.0
0.441
-143.8
800
0.760
-175.0
4.07
76.5
0.066
22.2
0.439
-147.7
900
0.761
-178.7
3.59
73.8
0.067
22.7
0.439
-151.1
1000
0.764
178.0
3.21
71.2
0.068
23.7
0.440
-153.8
1100
0.767
175.0
2.90
68.9
0.069
24.8
0.441
-156.1
1200
0.769
172.3
2.65
66.7
0.071
25.6
0.443
-158.1
1300
0.770
169.8
2.43
64.4
0.072
26.3
0.445
-159.7
1400
0.771
167.3
2.25
62.4
0.074
27.3
0.448
-161.2
1500
0.772
164.9
2.10
60.3
0.075
28.2
0.450
-162.5
1600
0.775
162.8
1.96
58.5
0.077
29.2
0.452
-163.6
1700
0.779
160.8
1.84
56.6
0.079
29.9
0.456
-164.6
1800
0.780
159.0
1.73
54.7
0.081
30.5
0.458
-165.5
1900
0.780
157.1
1.64
52.9
0.083
31.3
0.461
-166.3
2000
0.779
155.2
1.55
51.0
0.085
31.8
0.464
-167.0
2100
0.781
153.3
1.48
49.2
0.087
32.4
0.466
-167.7
2200
0.783
151.5
1.41
47.5
0.090
32.8
0.469
-168.4
2300
0.787
149.8
1.35
45.9
0.092
33.3
0.472
-169.0
2400
0.788
148.3
1.29
44.3
0.094
33.6
0.474
-169.6
2500
0.790
146.8
1.24
42.6
0.097
34.0
0.477
-170.1
2600
0.788
145.1
1.20
40.8
0.099
34.1
0.480
-170.6
2700
0.788
143.3
1.15
39.1
0.102
34.3
0.482
-171.2
2800
0.789
141.6
1.11
37.4
0.105
34.6
0.485
-171.7
2900
0.791
140.1
1.08
36.0
0.107
34.6
0.487
-172.3
3000
0.794
138.7
1.04
34.5
0.110
34.6
0.490
-172.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com