Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 27Page - Renesas Technology Corp 2SC5945 Datasheet HTML 28Page - Renesas Technology Corp 2SC5945 Datasheet HTML 29Page - Renesas Technology Corp 2SC5945 Datasheet HTML 30Page - Renesas Technology Corp 2SC5945 Datasheet HTML 31Page - Renesas Technology Corp 2SC5945 Datasheet HTML 32Page - Renesas Technology Corp 2SC5945 Datasheet HTML 33Page - Renesas Technology Corp 2SC5945 Datasheet HTML 34Page - Renesas Technology Corp 2SC5945 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 31 of 35
S parameter
(VCE = 3.6 V, IC = 100 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.766
178.7
11.59
85.0
0.025
59.6
0.578
-165.8
500
0.768
175.8
9.14
82.0
0.030
61.7
0.582
-169.2
600
0.770
173.2
7.52
79.5
0.035
62.5
0.586
-171.7
700
0.771
170.8
6.38
77.3
0.040
63.3
0.590
-173.8
800
0.772
168.5
5.53
75.4
0.045
63.4
0.592
-175.6
900
0.772
166.3
4.87
73.7
0.050
63.3
0.595
-177.1
1000
0.772
164.3
4.35
72.1
0.055
63.3
0.597
-178.4
1100
0.773
162.5
3.93
70.6
0.059
63.2
0.598
-179.6
1200
0.773
160.7
3.58
69.1
0.064
62.5
0.600
179.3
1300
0.772
158.9
3.30
67.6
0.069
61.8
0.601
178.3
1400
0.772
157.0
3.06
66.0
0.073
61.4
0.602
177.4
1500
0.771
155.1
2.85
64.5
0.078
60.7
0.603
176.5
1600
0.772
153.5
2.67
63.2
0.082
60.0
0.603
175.8
1700
0.775
151.9
2.51
61.8
0.087
59.2
0.604
175.0
1800
0.774
150.5
2.37
60.4
0.091
58.3
0.605
174.2
1900
0.773
148.9
2.24
58.9
0.096
57.7
0.604
173.5
2000
0.771
147.3
2.13
57.4
0.100
56.8
0.604
173.0
2100
0.771
145.7
2.04
56.0
0.105
55.8
0.604
172.4
2200
0.771
144.1
1.95
54.5
0.109
54.9
0.604
171.7
2300
0.774
142.7
1.87
53.3
0.113
54.1
0.604
171.1
2400
0.774
141.4
1.79
52.0
0.117
53.1
0.603
170.5
2500
0.774
140.0
1.72
50.6
0.122
52.3
0.603
169.9
2600
0.771
138.5
1.66
49.1
0.126
51.2
0.602
169.3
2700
0.769
136.9
1.60
47.6
0.130
50.3
0.601
168.7
2800
0.769
135.4
1.55
46.1
0.135
49.4
0.601
168.1
2900
0.770
134.0
1.50
44.8
0.139
48.3
0.600
167.5
3000
0.771
132.7
1.46
43.5
0.143
47.2
0.599
166.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com