Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 14Page - Renesas Technology Corp 2SC5945 Datasheet HTML 15Page - Renesas Technology Corp 2SC5945 Datasheet HTML 16Page - Renesas Technology Corp 2SC5945 Datasheet HTML 17Page - Renesas Technology Corp 2SC5945 Datasheet HTML 18Page - Renesas Technology Corp 2SC5945 Datasheet HTML 19Page - Renesas Technology Corp 2SC5945 Datasheet HTML 20Page - Renesas Technology Corp 2SC5945 Datasheet HTML 21Page - Renesas Technology Corp 2SC5945 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 18 of 35
S parameter
(VCE = 3.3 V, IC = 20 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.748
-165.5
9.86
89.3
0.041
31.3
0.500
-145.4
500
0.752
-171.6
7.85
84.8
0.044
33.0
0.496
-151.9
600
0.757
-176.1
6.48
81.3
0.046
34.4
0.496
-156.6
700
0.759
-179.9
5.50
78.3
0.049
36.3
0.497
-160.1
800
0.761
176.8
4.77
75.7
0.052
37.7
0.499
-163.0
900
0.762
173.9
4.20
73.4
0.054
39.0
0.501
-165.4
1000
0.764
171.2
3.75
71.4
0.058
40.3
0.503
-167.4
1100
0.766
168.9
3.38
69.5
0.061
41.6
0.505
-169.1
1200
0.767
166.6
3.08
67.6
0.064
42.4
0.507
-170.6
1300
0.767
164.5
2.84
65.7
0.067
42.8
0.508
-171.9
1400
0.768
162.3
2.63
63.9
0.070
43.6
0.510
-173.1
1500
0.768
160.2
2.44
62.1
0.074
43.9
0.512
-174.2
1600
0.770
158.3
2.29
60.5
0.077
44.4
0.513
-175.1
1700
0.773
156.5
2.15
58.8
0.081
44.6
0.515
-175.9
1800
0.774
154.9
2.02
57.2
0.084
44.5
0.516
-176.7
1900
0.773
153.2
1.91
55.5
0.087
44.6
0.517
-177.5
2000
0.772
151.5
1.82
53.9
0.091
44.5
0.518
-178.1
2100
0.773
149.7
1.73
52.2
0.094
44.3
0.520
-178.7
2200
0.774
148.0
1.66
50.6
0.098
44.2
0.521
-179.4
2300
0.777
146.5
1.59
49.2
0.101
43.9
0.522
-179.9
2400
0.778
145.1
1.52
47.7
0.104
43.6
0.522
179.5
2500
0.779
143.7
1.46
46.2
0.108
43.3
0.523
179.0
2600
0.776
142.0
1.41
44.5
0.111
42.8
0.524
178.5
2700
0.776
140.4
1.36
42.9
0.115
42.4
0.524
177.9
2800
0.776
138.8
1.31
41.3
0.118
41.9
0.525
177.4
2900
0.778
137.4
1.27
39.9
0.122
41.4
0.525
176.9
3000
0.779
136.0
1.23
38.5
0.125
40.8
0.526
176.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com