Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SC5945 Datasheet HTML 1Page - Renesas Technology Corp 2SC5945 Datasheet HTML 2Page - Renesas Technology Corp 2SC5945 Datasheet HTML 3Page - Renesas Technology Corp 2SC5945 Datasheet HTML 4Page - Renesas Technology Corp 2SC5945 Datasheet HTML 5Page - Renesas Technology Corp 2SC5945 Datasheet HTML 6Page - Renesas Technology Corp 2SC5945 Datasheet HTML 7Page - Renesas Technology Corp 2SC5945 Datasheet HTML 8Page - Renesas Technology Corp 2SC5945 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 2 of 35
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
DC current transfer ratio
hFE
110
150
190
VCE = 3 V, IC = 100 mA
Reverse Transfer Capacitance
Cre
1.0
pF
VCB = 2 V, IE = 0, f = 1 MHz,
emitter grounded
Transition Frequency
fT
15.5
GHz
VCE = 3 V, IC = 100 mA,
f = 1 GHz
Maximum Available Gain
MAG
9
dB
VCE = 3 V, IC = 100 mA,
f = 2.4 GHz
Power Gain
PG
4
6
dB
Power Added Efficiency
PAE
30
40
%
VCE = 3.3 V, ICq = 100 mA,
f = 2.4 GHz, Pin= +20 dBm
1dB Compression Point at output
P1dB
+24
dBm
VCE = 3.3 V, ICq = 100 mA,
f = 2.4 GHz
1dB Compression Point at output
P1dB
+26
dBm
VCE = 3.3 V, ICq = 250 mA,
f = 2.4 GHz
Main Characteristics
500
400
300
200
100
12
3
4
5
0
IB = 0.5 mA
0
50
100
150
200
1.5
1.0
0.5
1.5 mA
2.5 mA
3.5 mA
1.0 mA
2.0 mA
3.0 mA
4.0 mA
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
Collector Power Dissipation Curve
Ambient Temperature Ta (°C)
*(40 x 40 x 1 mm)
Value on PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com