Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 12Page - Renesas Technology Corp 2SC5945 Datasheet HTML 13Page - Renesas Technology Corp 2SC5945 Datasheet HTML 14Page - Renesas Technology Corp 2SC5945 Datasheet HTML 15Page - Renesas Technology Corp 2SC5945 Datasheet HTML 16Page - Renesas Technology Corp 2SC5945 Datasheet HTML 17Page - Renesas Technology Corp 2SC5945 Datasheet HTML 18Page - Renesas Technology Corp 2SC5945 Datasheet HTML 19Page - Renesas Technology Corp 2SC5945 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 16 of 35
S parameter
(VCE = 3 V, IC = 250 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.752
-169.6
10.13
88.1
0.037
35.1
0.519
-151.2
500
0.757
-174.8
8.03
84.0
0.040
37.3
0.518
-156.9
600
0.761
-178.8
6.62
80.7
0.043
39.4
0.520
-161.0
700
0.763
177.8
5.62
78.0
0.046
41.4
0.522
-164.2
800
0.764
174.7
4.87
75.5
0.050
42.8
0.524
-166.7
900
0.765
172.0
4.29
73.4
0.053
44.0
0.526
-168.9
1000
0.767
169.5
3.83
71.4
0.057
45.4
0.528
-170.7
1100
0.768
167.3
3.46
69.6
0.060
46.3
0.530
-172.3
1200
0.769
165.2
3.15
67.8
0.064
46.7
0.531
-173.6
1300
0.769
163.1
2.90
66.0
0.067
47.1
0.533
-174.9
1400
0.770
161.0
2.69
64.3
0.071
47.6
0.535
-176.0
1500
0.770
159.0
2.50
62.6
0.074
47.7
0.536
-177.0
1600
0.772
157.1
2.34
61.0
0.078
47.9
0.537
-177.9
1700
0.774
155.4
2.20
59.4
0.082
48.0
0.539
-178.7
1800
0.775
153.8
2.07
57.8
0.086
47.7
0.540
-179.4
1900
0.774
152.2
1.96
56.2
0.089
47.6
0.540
179.8
2000
0.772
150.5
1.86
54.6
0.093
47.3
0.541
179.2
2100
0.773
148.7
1.78
53.0
0.097
47.0
0.542
178.6
2200
0.774
147.1
1.70
51.4
0.100
46.6
0.543
177.9
2300
0.777
145.6
1.63
50.0
0.104
46.2
0.543
177.3
2400
0.778
144.2
1.56
48.6
0.108
45.7
0.543
176.8
2500
0.778
142.8
1.50
47.1
0.111
45.3
0.544
176.3
2600
0.776
141.2
1.44
45.5
0.115
44.7
0.544
175.7
2700
0.775
139.6
1.39
43.9
0.119
44.2
0.544
175.1
2800
0.775
137.9
1.35
42.3
0.122
43.6
0.544
174.6
2900
0.776
136.6
1.31
40.9
0.126
42.9
0.544
174.1
3000
0.778
135.2
1.27
39.5
0.130
42.2
0.545
173.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com