Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 6Page - Renesas Technology Corp 2SC5945 Datasheet HTML 7Page - Renesas Technology Corp 2SC5945 Datasheet HTML 8Page - Renesas Technology Corp 2SC5945 Datasheet HTML 9Page - Renesas Technology Corp 2SC5945 Datasheet HTML 10Page - Renesas Technology Corp 2SC5945 Datasheet HTML 11Page - Renesas Technology Corp 2SC5945 Datasheet HTML 12Page - Renesas Technology Corp 2SC5945 Datasheet HTML 13Page - Renesas Technology Corp 2SC5945 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 10 of 35
S parameter
(VCE = 3 V, IC = 30 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.755
-172.0
10.39
87.5
0.035
38.2
0.531
-154.4
500
0.759
-176.8
8.22
83.6
0.038
41.0
0.531
-159.7
600
0.763
179.5
6.78
80.5
0.041
42.9
0.534
-163.4
700
0.764
176.3
5.75
77.9
0.045
45.1
0.536
-166.3
800
0.766
173.4
4.98
75.5
0.048
46.5
0.538
-168.7
900
0.766
170.8
4.39
73.5
0.052
47.5
0.540
-170.7
1000
0.768
168.4
3.91
71.6
0.056
48.7
0.543
-172.4
1100
0.770
166.3
3.54
69.9
0.060
49.6
0.544
-173.9
1200
0.770
164.2
3.22
68.1
0.063
50.1
0.546
-175.2
1300
0.770
162.2
2.97
66.4
0.067
50.2
0.547
-176.4
1400
0.770
160.2
2.75
64.7
0.071
50.4
0.549
-177.5
1500
0.771
158.2
2.56
63.0
0.075
50.3
0.550
-178.5
1600
0.772
156.4
2.39
61.5
0.079
50.4
0.551
-179.4
1700
0.774
154.7
2.25
60.0
0.083
50.3
0.552
179.9
1800
0.775
153.2
2.12
58.4
0.087
49.8
0.554
179.1
1900
0.774
151.5
2.01
56.8
0.090
49.7
0.554
178.4
2000
0.773
149.8
1.91
55.2
0.094
49.3
0.555
177.8
2100
0.773
148.1
1.82
53.6
0.098
48.8
0.555
177.1
2200
0.774
146.5
1.74
52.1
0.102
48.3
0.556
176.5
2300
0.776
145.0
1.67
50.7
0.106
47.8
0.556
175.9
2400
0.777
143.6
1.60
49.3
0.110
47.2
0.556
175.4
2500
0.777
142.2
1.54
47.9
0.114
46.7
0.556
174.8
2600
0.775
140.7
1.48
46.3
0.117
45.9
0.556
174.3
2700
0.774
139.0
1.43
44.7
0.121
45.4
0.556
173.7
2800
0.774
137.4
1.38
43.1
0.125
44.7
0.556
173.1
2900
0.775
136.1
1.34
41.8
0.129
44.0
0.556
172.6
3000
0.776
134.7
1.30
40.4
0.133
43.2
0.556
172.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com