Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 9Page - Renesas Technology Corp 2SC5945 Datasheet HTML 10Page - Renesas Technology Corp 2SC5945 Datasheet HTML 11Page - Renesas Technology Corp 2SC5945 Datasheet HTML 12Page - Renesas Technology Corp 2SC5945 Datasheet HTML 13Page - Renesas Technology Corp 2SC5945 Datasheet HTML 14Page - Renesas Technology Corp 2SC5945 Datasheet HTML 15Page - Renesas Technology Corp 2SC5945 Datasheet HTML 16Page - Renesas Technology Corp 2SC5945 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 13 of 35
S parameter
(VCE = 3 V, IC = 100 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.771
178.5
11.27
84.9
0.026
59.9
0.588
-166.4
500
0.773
175.5
8.90
81.9
0.031
62.2
0.592
-169.7
600
0.775
173.0
7.32
79.4
0.035
63.0
0.596
-172.2
700
0.776
170.6
6.21
77.3
0.040
63.2
0.599
-174.2
800
0.776
168.3
5.38
75.4
0.045
63.7
0.602
-176.0
900
0.776
166.2
4.74
73.7
0.050
63.4
0.604
-177.5
1000
0.776
164.2
4.23
72.1
0.055
63.3
0.606
-178.8
1100
0.777
162.4
3.83
70.6
0.060
63.1
0.608
-180.0
1200
0.777
160.6
3.49
69.1
0.064
62.4
0.609
178.9
1300
0.776
158.8
3.22
67.6
0.069
62.0
0.610
178.0
1400
0.776
156.9
2.99
66.0
0.074
61.3
0.611
177.0
1500
0.776
155.1
2.78
64.5
0.078
60.7
0.612
176.2
1600
0.777
153.4
2.60
63.2
0.083
60.0
0.612
175.4
1700
0.779
151.8
2.45
61.8
0.088
59.2
0.613
174.7
1800
0.778
150.4
2.31
60.4
0.092
58.3
0.613
173.9
1900
0.777
148.9
2.19
58.9
0.096
57.6
0.613
173.2
2000
0.775
147.2
2.08
57.4
0.101
56.6
0.613
172.6
2100
0.775
145.6
1.99
56.0
0.105
55.7
0.613
172.0
2200
0.775
144.0
1.90
54.6
0.110
54.9
0.613
171.3
2300
0.777
142.6
1.82
53.3
0.114
53.9
0.612
170.7
2400
0.778
141.3
1.75
52.0
0.118
53.0
0.612
170.1
2500
0.777
139.9
1.68
50.6
0.123
52.1
0.611
169.6
2600
0.774
138.4
1.62
49.1
0.127
51.1
0.610
168.9
2700
0.773
136.8
1.57
47.6
0.131
50.1
0.610
168.3
2800
0.772
135.3
1.51
46.1
0.135
49.3
0.609
167.7
2900
0.773
133.9
1.47
44.9
0.140
48.2
0.608
167.1
3000
0.774
132.6
1.43
43.5
0.144
47.1
0.607
166.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com