Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 17Page - Renesas Technology Corp 2SC5945 Datasheet HTML 18Page - Renesas Technology Corp 2SC5945 Datasheet HTML 19Page - Renesas Technology Corp 2SC5945 Datasheet HTML 20Page - Renesas Technology Corp 2SC5945 Datasheet HTML 21Page - Renesas Technology Corp 2SC5945 Datasheet HTML 22Page - Renesas Technology Corp 2SC5945 Datasheet HTML 23Page - Renesas Technology Corp 2SC5945 Datasheet HTML 24Page - Renesas Technology Corp 2SC5945 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 21 of 35
S parameter
(VCE = 3.3 V, IC = 70 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.764
-179.6
11.32
85.4
0.027
54.3
0.570
-163.9
500
0.767
177.1
8.94
82.2
0.031
57.0
0.574
-167.6
600
0.769
174.4
7.35
79.6
0.036
58.7
0.578
-170.3
700
0.770
171.8
6.23
77.3
0.041
59.5
0.581
-172.5
800
0.771
169.4
5.40
75.3
0.045
60.0
0.583
-174.4
900
0.771
167.2
4.75
73.5
0.050
60.5
0.586
-176.0
1000
0.772
165.1
4.25
71.9
0.055
60.4
0.588
-177.4
1100
0.773
163.2
3.84
70.3
0.059
60.6
0.590
-178.6
1200
0.773
161.3
3.50
68.8
0.064
60.2
0.591
-179.8
1300
0.772
159.5
3.22
67.2
0.068
59.5
0.592
179.2
1400
0.772
157.6
2.99
65.6
0.073
59.3
0.594
178.2
1500
0.771
155.7
2.78
64.1
0.077
58.6
0.594
177.3
1600
0.773
154.0
2.60
62.8
0.082
58.2
0.595
176.5
1700
0.775
152.4
2.45
61.3
0.086
57.4
0.596
175.8
1800
0.775
151.0
2.31
59.9
0.090
56.7
0.596
175.1
1900
0.773
149.4
2.19
58.4
0.095
56.1
0.596
174.3
2000
0.771
147.8
2.08
56.9
0.099
55.3
0.596
173.8
2100
0.771
146.1
1.98
55.4
0.103
54.4
0.596
173.1
2200
0.772
144.5
1.90
54.0
0.108
53.6
0.597
172.5
2300
0.774
143.1
1.82
52.7
0.112
52.8
0.596
171.8
2400
0.774
141.8
1.74
51.4
0.116
52.0
0.596
171.3
2500
0.774
140.5
1.68
50.0
0.120
51.2
0.595
170.7
2600
0.771
138.9
1.62
48.4
0.124
50.2
0.594
170.1
2700
0.770
137.3
1.56
46.9
0.129
49.3
0.594
169.5
2800
0.770
135.7
1.51
45.5
0.133
48.4
0.593
168.9
2900
0.770
134.4
1.46
44.2
0.137
47.5
0.592
168.3
3000
0.772
133.1
1.42
42.8
0.141
46.3
0.592
167.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com