Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 7Page - Renesas Technology Corp 2SC5945 Datasheet HTML 8Page - Renesas Technology Corp 2SC5945 Datasheet HTML 9Page - Renesas Technology Corp 2SC5945 Datasheet HTML 10Page - Renesas Technology Corp 2SC5945 Datasheet HTML 11Page - Renesas Technology Corp 2SC5945 Datasheet HTML 12Page - Renesas Technology Corp 2SC5945 Datasheet HTML 13Page - Renesas Technology Corp 2SC5945 Datasheet HTML 14Page - Renesas Technology Corp 2SC5945 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 11 of 35
S parameter
(VCE = 3 V, IC = 50 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.762
-177.4
10.93
86.0
0.029
48.2
0.561
-161.3
500
0.765
178.9
8.64
82.6
0.033
51.2
0.564
-165.5
600
0.768
175.9
7.11
79.8
0.037
53.0
0.567
-168.5
700
0.770
173.1
6.03
77.5
0.042
54.7
0.570
-170.9
800
0.770
170.6
5.22
75.4
0.046
55.4
0.573
-172.9
900
0.770
168.3
4.60
73.5
0.050
56.2
0.575
-174.6
1000
0.772
166.1
4.10
71.8
0.055
56.7
0.577
-176.1
1100
0.773
164.1
3.71
70.2
0.059
57.0
0.579
-177.4
1200
0.773
162.2
3.38
68.6
0.063
56.9
0.580
-178.6
1300
0.772
160.3
3.11
67.0
0.068
56.5
0.581
-179.7
1400
0.772
158.4
2.89
65.3
0.072
56.5
0.582
179.4
1500
0.772
156.5
2.69
63.8
0.077
56.1
0.584
178.4
1600
0.774
154.7
2.52
62.3
0.081
55.8
0.585
177.6
1700
0.776
153.1
2.36
60.9
0.085
55.3
0.585
176.8
1800
0.775
151.6
2.23
59.5
0.089
54.5
0.586
176.1
1900
0.775
150.1
2.11
57.9
0.094
54.1
0.586
175.4
2000
0.773
148.4
2.01
56.4
0.098
53.4
0.586
174.8
2100
0.772
146.7
1.92
54.8
0.102
52.6
0.586
174.1
2200
0.773
145.1
1.83
53.4
0.106
52.0
0.586
173.5
2300
0.776
143.7
1.75
52.1
0.110
51.2
0.586
172.9
2400
0.776
142.4
1.68
50.7
0.114
50.4
0.586
172.3
2500
0.776
141.0
1.62
49.3
0.119
49.7
0.586
171.7
2600
0.774
139.4
1.56
47.8
0.122
48.7
0.585
171.2
2700
0.772
137.8
1.51
46.3
0.127
48.0
0.585
170.6
2800
0.772
136.3
1.46
44.8
0.131
47.2
0.584
170.0
2900
0.773
134.9
1.41
43.4
0.135
46.2
0.584
169.4
3000
0.774
133.6
1.37
42.1
0.139
45.3
0.583
168.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com