Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 18Page - Renesas Technology Corp 2SC5945 Datasheet HTML 19Page - Renesas Technology Corp 2SC5945 Datasheet HTML 20Page - Renesas Technology Corp 2SC5945 Datasheet HTML 21Page - Renesas Technology Corp 2SC5945 Datasheet HTML 22Page - Renesas Technology Corp 2SC5945 Datasheet HTML 23Page - Renesas Technology Corp 2SC5945 Datasheet HTML 24Page - Renesas Technology Corp 2SC5945 Datasheet HTML 25Page - Renesas Technology Corp 2SC5945 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 22 of 35
S parameter
(VCE = 3.3 V, IC = 100 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.768
178.6
11.44
84.9
0.026
60.2
0.582
-166.1
500
0.770
175.7
9.03
81.9
0.031
61.7
0.587
-169.5
600
0.773
173.1
7.43
79.4
0.035
62.5
0.591
-172.0
700
0.773
170.7
6.30
77.3
0.040
63.4
0.594
-174.0
800
0.773
168.4
5.46
75.4
0.045
63.7
0.596
-175.8
900
0.774
166.3
4.81
73.6
0.050
63.2
0.599
-177.3
1000
0.774
164.2
4.30
72.0
0.055
63.2
0.601
-178.6
1100
0.775
162.4
3.88
70.6
0.059
63.0
0.602
-179.8
1200
0.775
160.6
3.54
69.0
0.064
62.4
0.604
179.1
1300
0.774
158.8
3.26
67.5
0.069
61.8
0.605
178.1
1400
0.774
156.9
3.03
66.0
0.074
61.4
0.606
177.2
1500
0.773
155.1
2.82
64.5
0.078
60.7
0.606
176.4
1600
0.775
153.5
2.64
63.2
0.083
60.1
0.607
175.6
1700
0.777
151.9
2.48
61.7
0.087
59.1
0.608
174.8
1800
0.776
150.4
2.34
60.3
0.092
58.2
0.609
174.1
1900
0.775
148.9
2.22
58.9
0.096
57.6
0.608
173.4
2000
0.772
147.3
2.11
57.4
0.100
56.7
0.608
172.8
2100
0.773
145.6
2.01
55.9
0.105
55.8
0.608
172.2
2200
0.773
144.0
1.92
54.5
0.109
54.9
0.608
171.5
2300
0.775
142.6
1.84
53.3
0.113
54.0
0.608
170.9
2400
0.775
141.3
1.77
51.9
0.118
53.0
0.607
170.3
2500
0.776
140.0
1.70
50.6
0.122
52.2
0.607
169.7
2600
0.773
138.4
1.64
49.0
0.126
51.2
0.606
169.1
2700
0.771
136.8
1.59
47.5
0.131
50.3
0.605
168.5
2800
0.771
135.3
1.53
46.1
0.135
49.3
0.604
167.9
2900
0.771
134.0
1.49
44.8
0.139
48.3
0.604
167.3
3000
0.772
132.7
1.44
43.5
0.143
47.2
0.603
166.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com