Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5945 Datasheet HTML 1Page - Renesas Technology Corp 2SC5945 Datasheet HTML 2Page - Renesas Technology Corp 2SC5945 Datasheet HTML 3Page - Renesas Technology Corp 2SC5945 Datasheet HTML 4Page - Renesas Technology Corp 2SC5945 Datasheet HTML 5Page - Renesas Technology Corp 2SC5945 Datasheet HTML 6Page - Renesas Technology Corp 2SC5945 Datasheet HTML 7Page - Renesas Technology Corp 2SC5945 Datasheet HTML 8Page - Renesas Technology Corp 2SC5945 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 3 of 35
0
12
3
5
1.5
1.0
0.5
20
15
10
0
1
10
100
1000
VCE = 3 V
f = 1 GHz
5
IE = 0
f = 1 MHz
4
500
400
300
200
100
0
0.2
0.4
0.6
0.8
1.0
VCE = 3 V
100
0
1
10
1000
150
200
50
100
VCE = 3 V
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
Collector to Base Voltage VCB (V)
Reverse Transfer Capacitance vs.
Collector to Base Voltage
Collector Current IC (mA)
Transition Frequency vs.
Collector Current
0
5
10
15
20
25
30
1
10
100
1000
f = 0.5 GHz
1.0 GHz
1.8 GHz
2.4 GHz
VCE = 3 V
MAG
MSG
20
0
0.1
1
10
30
40
10
VCE = 3 V
IC = 100 mA
MSG
|S21|2
MAG
Frequency f (GHz)
S21 Parameter, Maximum Available Gain,
Maximum Stable Gain vs. Frequency
Collector Current IC (mA)
Maximum Available Gain, Maximum Stable Gain
vs. Collector Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com