Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 11Page - Renesas Technology Corp 2SC5945 Datasheet HTML 12Page - Renesas Technology Corp 2SC5945 Datasheet HTML 13Page - Renesas Technology Corp 2SC5945 Datasheet HTML 14Page - Renesas Technology Corp 2SC5945 Datasheet HTML 15Page - Renesas Technology Corp 2SC5945 Datasheet HTML 16Page - Renesas Technology Corp 2SC5945 Datasheet HTML 17Page - Renesas Technology Corp 2SC5945 Datasheet HTML 18Page - Renesas Technology Corp 2SC5945 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 15 of 35
S parameter
(VCE = 3 V, IC = 200 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.781
176.2
11.06
84.5
0.025
67.5
0.602
-168.9
500
0.782
173.7
8.73
81.7
0.030
68.0
0.606
-171.9
600
0.784
171.4
7.18
79.4
0.035
68.4
0.610
-174.1
700
0.785
169.3
6.10
77.4
0.040
68.4
0.613
-175.9
800
0.785
167.1
5.29
75.6
0.045
67.7
0.615
-177.6
900
0.784
165.1
4.67
74.0
0.050
67.2
0.618
-178.9
1000
0.785
163.2
4.17
72.5
0.055
66.7
0.619
179.8
1100
0.786
161.4
3.78
71.0
0.060
66.4
0.620
178.7
1200
0.785
159.7
3.45
69.5
0.065
65.6
0.621
177.7
1300
0.784
157.9
3.18
68.0
0.070
64.7
0.622
176.8
1400
0.784
156.1
2.95
66.5
0.074
64.0
0.623
175.9
1500
0.783
154.3
2.75
65.0
0.079
63.0
0.623
175.0
1600
0.784
152.6
2.58
63.7
0.084
62.2
0.624
174.3
1700
0.786
151.2
2.43
62.3
0.089
61.3
0.625
173.6
1800
0.786
149.7
2.29
60.9
0.093
60.3
0.625
172.8
1900
0.784
148.2
2.17
59.4
0.098
59.4
0.625
172.2
2000
0.782
146.6
2.06
58.0
0.102
58.5
0.624
171.6
2100
0.782
145.0
1.97
56.5
0.107
57.5
0.624
171.0
2200
0.782
143.4
1.89
55.1
0.111
56.5
0.624
170.3
2300
0.784
142.0
1.81
53.8
0.116
55.5
0.624
169.7
2400
0.785
140.7
1.74
52.5
0.120
54.5
0.623
169.1
2500
0.784
139.4
1.67
51.1
0.124
53.6
0.622
168.5
2600
0.781
137.8
1.61
49.6
0.129
52.4
0.621
167.9
2700
0.780
136.3
1.56
48.1
0.133
51.5
0.621
167.3
2800
0.779
134.7
1.51
46.7
0.138
50.5
0.620
166.7
2900
0.780
133.4
1.46
45.4
0.142
49.4
0.619
166.0
3000
0.780
132.1
1.42
44.1
0.146
48.3
0.618
165.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com