Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 4Page - Renesas Technology Corp 2SC5945 Datasheet HTML 5Page - Renesas Technology Corp 2SC5945 Datasheet HTML 6Page - Renesas Technology Corp 2SC5945 Datasheet HTML 7Page - Renesas Technology Corp 2SC5945 Datasheet HTML 8Page - Renesas Technology Corp 2SC5945 Datasheet HTML 9Page - Renesas Technology Corp 2SC5945 Datasheet HTML 10Page - Renesas Technology Corp 2SC5945 Datasheet HTML 11Page - Renesas Technology Corp 2SC5945 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 8 of 35
S parameter
(VCE = 3 V, IC = 10 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.748
-149.1
7.99
94.1
0.061
23.0
0.475
-124.4
500
0.751
-158.6
6.48
88.1
0.063
22.1
0.457
-133.2
600
0.755
-165.6
5.42
83.5
0.064
21.5
0.449
-139.7
700
0.758
-170.8
4.63
79.8
0.065
21.8
0.445
-144.6
800
0.760
-175.2
4.02
76.6
0.066
22.1
0.443
-148.6
900
0.762
-178.9
3.55
73.8
0.067
22.7
0.443
-151.8
1000
0.765
177.8
3.17
71.3
0.068
23.5
0.444
-154.5
1100
0.768
174.9
2.87
69.0
0.070
24.6
0.446
-156.8
1200
0.770
172.1
2.62
66.7
0.071
25.5
0.447
-158.7
1300
0.771
169.7
2.41
64.5
0.073
26.1
0.449
-160.4
1400
0.772
167.2
2.23
62.4
0.074
27.2
0.452
-161.8
1500
0.774
164.8
2.07
60.4
0.076
27.9
0.454
-163.1
1600
0.776
162.7
1.94
58.5
0.077
29.0
0.456
-164.2
1700
0.780
160.7
1.82
56.7
0.079
29.7
0.459
-165.2
1800
0.781
158.9
1.71
54.8
0.081
30.3
0.462
-166.1
1900
0.781
157.1
1.62
52.9
0.083
31.1
0.465
-166.9
2000
0.781
155.1
1.54
51.1
0.085
31.6
0.468
-167.6
2100
0.782
153.2
1.47
49.3
0.088
32.1
0.470
-168.3
2200
0.784
151.4
1.40
47.5
0.090
32.7
0.473
-168.9
2300
0.788
149.8
1.34
46.0
0.092
33.1
0.476
-169.5
2400
0.790
148.3
1.28
44.3
0.095
33.4
0.478
-170.1
2500
0.791
146.8
1.23
42.7
0.097
33.8
0.481
-170.6
2600
0.789
145.1
1.18
40.9
0.100
33.9
0.483
-171.1
2700
0.789
143.3
1.14
39.2
0.102
34.2
0.486
-171.7
2800
0.790
141.6
1.10
37.5
0.105
34.4
0.488
-172.2
2900
0.793
140.1
1.07
36.1
0.108
34.4
0.491
-172.7
3000
0.795
138.7
1.03
34.5
0.111
34.3
0.493
-173.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com