Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 16Page - Renesas Technology Corp 2SC5945 Datasheet HTML 17Page - Renesas Technology Corp 2SC5945 Datasheet HTML 18Page - Renesas Technology Corp 2SC5945 Datasheet HTML 19Page - Renesas Technology Corp 2SC5945 Datasheet HTML 20Page - Renesas Technology Corp 2SC5945 Datasheet HTML 21Page - Renesas Technology Corp 2SC5945 Datasheet HTML 22Page - Renesas Technology Corp 2SC5945 Datasheet HTML 23Page - Renesas Technology Corp 2SC5945 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 20 of 35
S parameter
(VCE = 3.3 V, IC = 50 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.760
-177.2
11.09
86.0
0.029
48.6
0.554
-160.8
500
0.763
179.1
8.76
82.6
0.033
51.5
0.557
-165.1
600
0.766
176.0
7.21
79.8
0.037
53.2
0.561
-168.1
700
0.767
173.3
6.11
77.4
0.042
54.6
0.564
-170.5
800
0.768
170.7
5.30
75.3
0.046
55.5
0.567
-172.6
900
0.768
168.3
4.66
73.4
0.050
56.0
0.569
-174.3
1000
0.770
166.2
4.16
71.7
0.055
56.7
0.571
-175.8
1100
0.771
164.2
3.76
70.1
0.059
57.1
0.573
-177.1
1200
0.771
162.3
3.43
68.5
0.063
56.8
0.575
-178.3
1300
0.770
160.4
3.16
66.9
0.068
56.6
0.576
-179.4
1400
0.770
158.4
2.93
65.2
0.072
56.6
0.577
179.6
1500
0.770
156.5
2.72
63.7
0.076
56.1
0.578
178.7
1600
0.771
154.8
2.55
62.3
0.081
55.8
0.579
177.9
1700
0.774
153.2
2.40
60.8
0.085
55.3
0.580
177.1
1800
0.773
151.7
2.26
59.3
0.089
54.6
0.581
176.4
1900
0.772
150.1
2.14
57.8
0.093
54.1
0.581
175.6
2000
0.770
148.5
2.03
56.3
0.097
53.4
0.581
175.0
2100
0.771
146.8
1.94
54.8
0.102
52.7
0.581
174.4
2200
0.771
145.2
1.85
53.3
0.106
51.9
0.581
173.7
2300
0.774
143.7
1.78
52.0
0.110
51.3
0.581
173.1
2400
0.774
142.4
1.70
50.7
0.114
50.5
0.581
172.6
2500
0.774
141.1
1.64
49.2
0.118
49.7
0.581
172.0
2600
0.771
139.5
1.58
47.7
0.122
48.8
0.580
171.4
2700
0.770
137.9
1.52
46.2
0.126
48.1
0.580
170.8
2800
0.770
136.3
1.47
44.7
0.130
47.2
0.579
170.2
2900
0.771
135.0
1.43
43.3
0.134
46.3
0.579
169.7
3000
0.772
133.7
1.39
42.0
0.138
45.4
0.578
169.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com