Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 15Page - Renesas Technology Corp 2SC5945 Datasheet HTML 16Page - Renesas Technology Corp 2SC5945 Datasheet HTML 17Page - Renesas Technology Corp 2SC5945 Datasheet HTML 18Page - Renesas Technology Corp 2SC5945 Datasheet HTML 19Page - Renesas Technology Corp 2SC5945 Datasheet HTML 20Page - Renesas Technology Corp 2SC5945 Datasheet HTML 21Page - Renesas Technology Corp 2SC5945 Datasheet HTML 22Page - Renesas Technology Corp 2SC5945 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 19 of 35
S parameter
(VCE = 3.3 V, IC = 30 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.753
-171.8
10.53
87.5
0.034
38.6
0.525
-153.8
500
0.757
-176.5
8.34
83.6
0.038
40.8
0.526
-159.1
600
0.761
179.7
6.87
80.5
0.041
43.4
0.528
-162.9
700
0.763
176.4
5.83
77.8
0.044
45.1
0.530
-165.9
800
0.764
173.6
5.05
75.5
0.048
46.5
0.532
-168.3
900
0.765
170.9
4.44
73.4
0.052
47.5
0.535
-170.4
1000
0.766
168.5
3.97
71.5
0.056
48.8
0.537
-172.1
1100
0.768
166.4
3.58
69.8
0.059
49.5
0.539
-173.5
1200
0.768
164.3
3.27
68.0
0.063
49.8
0.541
-174.9
1300
0.768
162.3
3.00
66.3
0.067
50.1
0.542
-176.0
1400
0.768
160.3
2.78
64.6
0.071
50.4
0.543
-177.1
1500
0.768
158.3
2.59
62.9
0.075
50.4
0.545
-178.1
1600
0.770
156.5
2.42
61.4
0.079
50.4
0.546
-179.0
1700
0.773
154.8
2.28
59.8
0.083
50.2
0.547
-179.8
1800
0.773
153.2
2.15
58.3
0.086
50.0
0.548
179.4
1900
0.772
151.6
2.03
56.7
0.090
49.7
0.549
178.7
2000
0.770
149.9
1.93
55.1
0.094
49.3
0.549
178.1
2100
0.771
148.2
1.84
53.5
0.098
48.9
0.550
177.5
2200
0.772
146.5
1.76
52.0
0.102
48.4
0.551
176.8
2300
0.775
145.0
1.69
50.6
0.105
47.9
0.551
176.2
2400
0.775
143.7
1.62
49.2
0.109
47.3
0.551
175.7
2500
0.776
142.3
1.55
47.7
0.113
46.8
0.551
175.1
2600
0.773
140.7
1.50
46.2
0.117
46.0
0.551
174.6
2700
0.772
139.1
1.44
44.6
0.121
45.5
0.551
174.0
2800
0.772
137.5
1.40
43.0
0.124
44.7
0.551
173.5
2900
0.773
136.1
1.35
41.7
0.128
44.1
0.551
172.9
3000
0.775
134.8
1.31
40.3
0.132
43.2
0.551
172.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com