Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 19Page - Renesas Technology Corp 2SC5945 Datasheet HTML 20Page - Renesas Technology Corp 2SC5945 Datasheet HTML 21Page - Renesas Technology Corp 2SC5945 Datasheet HTML 22Page - Renesas Technology Corp 2SC5945 Datasheet HTML 23Page - Renesas Technology Corp 2SC5945 Datasheet HTML 24Page - Renesas Technology Corp 2SC5945 Datasheet HTML 25Page - Renesas Technology Corp 2SC5945 Datasheet HTML 26Page - Renesas Technology Corp 2SC5945 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 23 of 35
S parameter
(VCE = 3.3 V, IC = 150 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.773
177.1
11.42
84.6
0.025
64.5
0.593
-167.8
500
0.775
174.4
9.01
81.7
0.030
65.7
0.598
-170.9
600
0.777
172.1
7.41
79.4
0.035
66.5
0.602
-173.2
700
0.778
169.8
6.29
77.3
0.040
66.5
0.605
-175.2
800
0.777
167.6
5.45
75.5
0.045
66.2
0.607
-176.8
900
0.777
165.5
4.81
73.8
0.050
66.2
0.609
-178.3
1000
0.778
163.6
4.30
72.3
0.055
65.7
0.611
-179.6
1100
0.779
161.8
3.89
70.8
0.060
65.3
0.612
179.3
1200
0.779
160.0
3.55
69.3
0.065
64.6
0.613
178.3
1300
0.777
158.3
3.27
67.8
0.069
63.8
0.614
177.3
1400
0.777
156.4
3.03
66.3
0.074
63.1
0.615
176.4
1500
0.776
154.6
2.83
64.8
0.079
62.2
0.616
175.5
1600
0.778
153.0
2.65
63.5
0.084
61.4
0.616
174.8
1700
0.780
151.4
2.49
62.1
0.088
60.5
0.618
174.1
1800
0.779
150.0
2.35
60.7
0.093
59.6
0.618
173.3
1900
0.778
148.4
2.23
59.3
0.097
58.9
0.617
172.6
2000
0.775
146.9
2.12
57.8
0.101
57.9
0.617
172.1
2100
0.776
145.2
2.02
56.4
0.106
56.9
0.617
171.5
2200
0.776
143.6
1.93
54.9
0.110
55.9
0.617
170.8
2300
0.778
142.2
1.85
53.7
0.115
55.0
0.616
170.1
2400
0.778
140.9
1.78
52.4
0.119
54.1
0.615
169.6
2500
0.778
139.6
1.71
51.0
0.124
53.1
0.615
169.0
2600
0.775
138.0
1.65
49.5
0.128
52.0
0.614
168.4
2700
0.774
136.5
1.59
48.0
0.132
51.0
0.614
167.8
2800
0.773
134.9
1.54
46.5
0.136
50.0
0.613
167.1
2900
0.774
133.6
1.50
45.3
0.141
49.1
0.612
166.5
3000
0.775
132.3
1.45
44.0
0.145
47.9
0.611
165.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com