Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 26Page - Renesas Technology Corp 2SC5945 Datasheet HTML 27Page - Renesas Technology Corp 2SC5945 Datasheet HTML 28Page - Renesas Technology Corp 2SC5945 Datasheet HTML 29Page - Renesas Technology Corp 2SC5945 Datasheet HTML 30Page - Renesas Technology Corp 2SC5945 Datasheet HTML 31Page - Renesas Technology Corp 2SC5945 Datasheet HTML 32Page - Renesas Technology Corp 2SC5945 Datasheet HTML 33Page - Renesas Technology Corp 2SC5945 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 30 of 35
S parameter
(VCE = 3.6 V, IC = 70 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.762
-179.4
11.46
85.5
0.027
53.7
0.565
-163.5
500
0.765
177.3
9.05
82.3
0.031
56.9
0.568
-167.3
600
0.767
174.5
7.44
79.6
0.036
58.5
0.573
-170.0
700
0.768
171.9
6.31
77.4
0.041
59.5
0.576
-172.2
800
0.769
169.5
5.47
75.4
0.045
59.9
0.578
-174.2
900
0.769
167.2
4.81
73.5
0.050
60.2
0.581
-175.8
1000
0.770
165.2
4.30
71.9
0.055
60.3
0.583
-177.2
1100
0.771
163.3
3.88
70.3
0.059
60.4
0.585
-178.4
1200
0.771
161.4
3.54
68.8
0.064
60.3
0.587
-179.6
1300
0.770
159.6
3.26
67.2
0.068
59.5
0.588
179.4
1400
0.770
157.7
3.02
65.6
0.072
59.2
0.589
178.4
1500
0.770
155.8
2.81
64.1
0.077
58.7
0.590
177.5
1600
0.771
154.1
2.63
62.8
0.082
58.3
0.590
176.8
1700
0.773
152.5
2.48
61.3
0.086
57.4
0.592
176.0
1800
0.773
151.0
2.33
59.9
0.090
56.6
0.592
175.2
1900
0.772
149.5
2.21
58.4
0.094
56.1
0.592
174.5
2000
0.769
147.8
2.10
56.9
0.099
55.2
0.592
174.0
2100
0.770
146.2
2.01
55.4
0.103
54.5
0.592
173.3
2200
0.770
144.6
1.92
54.0
0.107
53.6
0.592
172.7
2300
0.772
143.1
1.84
52.7
0.111
52.9
0.592
172.1
2400
0.773
141.8
1.76
51.4
0.116
52.0
0.591
171.5
2500
0.773
140.5
1.70
50.0
0.120
51.1
0.591
170.9
2600
0.770
138.9
1.63
48.5
0.124
50.1
0.590
170.3
2700
0.769
137.4
1.58
47.0
0.128
49.3
0.590
169.7
2800
0.768
135.8
1.53
45.5
0.132
48.4
0.589
169.1
2900
0.769
134.4
1.48
44.2
0.136
47.4
0.588
168.5
3000
0.770
133.1
1.44
42.8
0.140
46.4
0.588
167.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com