Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 21Page - Renesas Technology Corp 2SC5945 Datasheet HTML 22Page - Renesas Technology Corp 2SC5945 Datasheet HTML 23Page - Renesas Technology Corp 2SC5945 Datasheet HTML 24Page - Renesas Technology Corp 2SC5945 Datasheet HTML 25Page - Renesas Technology Corp 2SC5945 Datasheet HTML 26Page - Renesas Technology Corp 2SC5945 Datasheet HTML 27Page - Renesas Technology Corp 2SC5945 Datasheet HTML 28Page - Renesas Technology Corp 2SC5945 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 25 of 35
S parameter
(VCE = 3.3 V, IC = 250 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.750
-169.3
10.27
88.2
0.037
35.1
0.513
-150.5
500
0.755
-174.5
8.14
84.1
0.040
37.2
0.513
-156.2
600
0.759
-178.6
6.71
80.8
0.043
39.2
0.514
-160.4
700
0.761
177.9
5.70
78.0
0.046
41.4
0.516
-163.6
800
0.762
174.9
4.94
75.6
0.049
42.9
0.518
-166.2
900
0.763
172.1
4.34
73.4
0.053
44.0
0.520
-168.4
1000
0.765
169.6
3.88
71.4
0.056
45.3
0.522
-170.2
1100
0.767
167.4
3.50
69.6
0.060
46.3
0.524
-171.8
1200
0.767
165.3
3.19
67.8
0.063
46.8
0.526
-173.2
1300
0.768
163.2
2.94
66.0
0.067
47.2
0.528
-174.4
1400
0.768
161.1
2.72
64.3
0.071
47.5
0.529
-175.6
1500
0.768
159.1
2.53
62.6
0.074
47.8
0.531
-176.6
1600
0.770
157.2
2.37
61.0
0.078
48.0
0.532
-177.5
1700
0.773
155.5
2.22
59.4
0.082
48.0
0.534
-178.3
1800
0.773
153.9
2.10
57.8
0.085
47.8
0.535
-179.1
1900
0.772
152.2
1.98
56.2
0.089
47.6
0.536
-179.8
2000
0.771
150.5
1.88
54.6
0.093
47.4
0.536
179.6
2100
0.772
148.8
1.80
53.0
0.096
47.1
0.537
179.0
2200
0.773
147.2
1.72
51.4
0.100
46.7
0.538
178.3
2300
0.776
145.6
1.64
50.0
0.104
46.2
0.538
177.7
2400
0.776
144.3
1.58
48.6
0.107
45.8
0.538
177.2
2500
0.776
142.9
1.52
47.1
0.111
45.3
0.539
176.7
2600
0.775
141.3
1.46
45.5
0.114
44.8
0.539
176.1
2700
0.774
139.6
1.41
43.9
0.118
44.2
0.539
175.6
2800
0.773
138.0
1.36
42.3
0.122
43.6
0.540
175.0
2900
0.775
136.6
1.32
40.9
0.126
43.1
0.540
174.5
3000
0.777
135.3
1.28
39.6
0.129
42.2
0.540
173.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com