Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 28Page - Renesas Technology Corp 2SC5945 Datasheet HTML 29Page - Renesas Technology Corp 2SC5945 Datasheet HTML 30Page - Renesas Technology Corp 2SC5945 Datasheet HTML 31Page - Renesas Technology Corp 2SC5945 Datasheet HTML 32Page - Renesas Technology Corp 2SC5945 Datasheet HTML 33Page - Renesas Technology Corp 2SC5945 Datasheet HTML 34Page - Renesas Technology Corp 2SC5945 Datasheet HTML 35Page - Renesas Technology Corp 2SC5945 Datasheet HTML 36Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 32 of 35
S parameter
(VCE = 3.6 V, IC = 150 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.770
177.2
11.57
84.7
0.025
64.9
0.589
-167.6
500
0.773
174.5
9.13
81.8
0.030
65.7
0.594
-170.7
600
0.775
172.2
7.50
79.4
0.035
66.4
0.598
-173.0
700
0.776
169.9
6.37
77.4
0.040
66.9
0.601
-175.0
800
0.776
167.7
5.52
75.5
0.045
66.2
0.603
-176.7
900
0.775
165.6
4.87
73.9
0.050
66.1
0.606
-178.1
1000
0.776
163.6
4.35
72.4
0.055
65.4
0.607
-179.4
1100
0.777
161.9
3.93
70.9
0.060
65.3
0.609
179.5
1200
0.777
160.1
3.59
69.4
0.065
64.4
0.610
178.4
1300
0.776
158.3
3.31
67.9
0.069
63.5
0.611
177.5
1400
0.775
156.4
3.07
66.4
0.074
63.0
0.612
176.5
1500
0.775
154.6
2.86
64.9
0.079
62.3
0.612
175.7
1600
0.776
153.0
2.68
63.6
0.083
61.5
0.613
175.0
1700
0.778
151.4
2.52
62.2
0.088
60.6
0.614
174.2
1800
0.778
150.0
2.38
60.8
0.092
59.6
0.614
173.4
1900
0.776
148.5
2.25
59.3
0.097
58.9
0.614
172.8
2000
0.774
146.9
2.14
57.9
0.101
57.9
0.613
172.2
2100
0.774
145.2
2.05
56.4
0.106
57.0
0.614
171.6
2200
0.774
143.7
1.96
55.0
0.110
56.0
0.614
170.9
2300
0.776
142.2
1.88
53.8
0.115
55.0
0.613
170.3
2400
0.777
141.0
1.80
52.5
0.119
54.1
0.612
169.7
2500
0.776
139.6
1.73
51.1
0.123
53.2
0.612
169.1
2600
0.774
138.1
1.67
49.6
0.128
52.1
0.611
168.5
2700
0.772
136.5
1.61
48.1
0.132
51.1
0.610
167.9
2800
0.771
135.0
1.56
46.6
0.136
50.1
0.610
167.3
2900
0.772
133.6
1.51
45.3
0.141
49.1
0.608
166.7
3000
0.773
132.3
1.47
44.0
0.145
48.0
0.608
166.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com