Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 2SC5945 Datasheet HTML 8Page - Renesas Technology Corp 2SC5945 Datasheet HTML 9Page - Renesas Technology Corp 2SC5945 Datasheet HTML 10Page - Renesas Technology Corp 2SC5945 Datasheet HTML 11Page - Renesas Technology Corp 2SC5945 Datasheet HTML 12Page - Renesas Technology Corp 2SC5945 Datasheet HTML 13Page - Renesas Technology Corp 2SC5945 Datasheet HTML 14Page - Renesas Technology Corp 2SC5945 Datasheet HTML 15Page - Renesas Technology Corp 2SC5945 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 12 of 35
S parameter
(VCE = 3 V, IC = 70 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
400
0.767
-179.7
11.15
85.3
0.027
54.1
0.576
-164.2
500
0.769
177.0
8.80
82.2
0.032
56.7
0.580
-167.9
600
0.772
174.3
7.24
79.6
0.036
58.8
0.584
-170.7
700
0.773
171.7
6.14
77.4
0.041
59.5
0.587
-172.8
800
0.773
169.3
5.32
75.4
0.045
59.9
0.589
-174.7
900
0.773
167.1
4.69
73.6
0.050
60.1
0.591
-176.3
1000
0.774
165.0
4.18
72.0
0.055
60.4
0.594
-177.7
1100
0.775
163.1
3.78
70.4
0.060
60.7
0.595
-178.9
1200
0.775
161.3
3.45
68.8
0.064
60.1
0.597
180.0
1300
0.774
159.4
3.18
67.3
0.069
59.5
0.597
179.0
1400
0.774
157.6
2.95
65.7
0.073
59.2
0.599
178.0
1500
0.774
155.7
2.74
64.2
0.078
58.6
0.600
177.1
1600
0.775
154.0
2.57
62.8
0.082
58.0
0.600
176.3
1700
0.777
152.4
2.42
61.4
0.087
57.4
0.601
175.6
1800
0.776
150.9
2.28
60.0
0.091
56.7
0.601
174.9
1900
0.776
149.4
2.16
58.5
0.095
56.0
0.602
174.2
2000
0.773
147.7
2.05
57.0
0.099
55.2
0.602
173.5
2100
0.773
146.1
1.96
55.5
0.104
54.4
0.601
172.9
2200
0.774
144.5
1.87
54.1
0.108
53.6
0.601
172.2
2300
0.776
143.1
1.79
52.8
0.112
52.8
0.601
171.6
2400
0.776
141.8
1.72
51.4
0.117
51.9
0.601
171.1
2500
0.776
140.4
1.66
50.1
0.121
51.0
0.600
170.5
2600
0.773
138.9
1.60
48.5
0.125
50.0
0.599
169.9
2700
0.772
137.3
1.54
47.0
0.129
49.2
0.599
169.3
2800
0.771
135.7
1.49
45.5
0.133
48.2
0.598
168.7
2900
0.773
134.4
1.45
44.2
0.138
47.4
0.597
168.1
3000
0.773
133.1
1.40
42.9
0.142
46.3
0.597
167.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com