Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5945 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC5945
Description  Si NPN Epitaxial High Frequency Medium Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5945 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC5945 Datasheet HTML 1Page - Renesas Technology Corp 2SC5945 Datasheet HTML 2Page - Renesas Technology Corp 2SC5945 Datasheet HTML 3Page - Renesas Technology Corp 2SC5945 Datasheet HTML 4Page - Renesas Technology Corp 2SC5945 Datasheet HTML 5Page - Renesas Technology Corp 2SC5945 Datasheet HTML 6Page - Renesas Technology Corp 2SC5945 Datasheet HTML 7Page - Renesas Technology Corp 2SC5945 Datasheet HTML 8Page - Renesas Technology Corp 2SC5945 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
2SC5945
Rev.3.00 Aug 03, 2006 page 4 of 35
Pin-Pout Characteristics
0
20
40
60
80
100
5
10
15
20
25
30
0
5
10
15
20
25
5
10
15
20
25
30
0
20
40
60
80
100
0
5
10
15
20
25
VBB : Bias Adjustment
* 1
µF
0.22 nF 1000 pF
100 pF // 15 pF
15 pF
100 pF // 15 pF
4.7 nH
10 nH
1000 pF 0.22 nF
* 1
µF
0.75 pF
0.5 pF
1.0 nH
22
Ω
VCC = +3.3 V
1 pF
22 nH 0.75 pF
OUT
IN
Output Power, Power Added Efficiency
vs. Input Power
Input Power Pin (dBm)
Input Power Pin (dBm)
30
30
0
5
10
15
20
0
5
10
15
20
25
Power Gain vs. Input Power
Input Power Pin (dBm)
30
0
5
10
15
20
0
5
10
15
20
25
Input Power Pin (dBm)
30
++
PAE
Pout
Vcc = 3.3 V
f = 2.4 GHz
Icq = 100 mA
PAE
Pout
Vcc = 3.3 V
f = 2.4 GHz
Icq = 250 mA
Vcc = 3.3 V
f = 2.4 GHz
Icq = 100 mA
Vcc = 3.3 V
f = 2.4 GHz
Icq = 250 mA
-
-
Output Power, Power Added Efficiency
vs. Input Power
Power Gain vs. Input Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com